Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4H160AQPWPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS4H160AQPWPRQ1
Description  40-V, 160-m廓 Quad-Channel Smart High-Side Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS4H160AQPWPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS4H160AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS4H160AQPWPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
57.5
58
58.5
59
59.5
60
60.5
61
61.5
62
62.5
63
63.5
64
D005
Ch 1
Ch 2
Ch 3
Ch 4
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
0.05
0.1
0.15
0.2
0.25
0.3
D006
3.5 V
13.5 V
40 V
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1
1.1
1.2
1.3
1.4
1.5
D003
SEx High
SEx Low
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.5
0.55
0.6
0.65
0.7
0.75
0.8
D004
OUT`1
OUT2
OUT3
OUT4
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1
1.1
1.2
1.3
1.4
1.5
1.6
D001
IN1 High
IN1 Low
IN2 High
IN2 Low
IN3 High
IN3 Low
IN4 High
IN4 Low
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
D002
DIAG_EN High
DIAG_EN Low
11
TPS4H160-Q1
www.ti.com
SLVSCV8A – DECEMBER 2015 – REVISED APRIL 2016
Product Folder Links: TPS4H160-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 5. INx Voltage Threshold
Figure 6. DIAG_EN Voltage Threshold
Figure 7. SEx Voltage Threshold
Figure 8. Body-Diode Forward Voltage
Figure 9. Drain-to-Source Clamp Voltage
Figure 10. Channel-1 FET On-Resistance


Similar Part No. - TPS4H160AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS4H000-Q1 TI1-TPS4H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
TPS4H000AQPWPRQ1 TI1-TPS4H000AQPWPRQ1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
TPS4H000BQPWPRQ1 TI1-TPS4H000BQPWPRQ1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
More results

Similar Description - TPS4H160AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS274160 TI1-TPS274160 Datasheet
1Mb / 36P
[Old version datasheet]   TPS274160x 40-V, 160-m廓 Quad-Channel Industrial Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS1HB35-Q1 TI1-TPS1HB35-Q1 Datasheet
535Kb / 39P
[Old version datasheet]   40-V, 35-m廓 Single-Channel Smart High-Side Switch
TPS1HB08-Q1 TI1-TPS1HB08-Q1 Datasheet
537Kb / 38P
[Old version datasheet]   40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB16-Q1 TI1-TPS1HB16-Q1 Datasheet
527Kb / 38P
[Old version datasheet]   40-V, 16-m廓 Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1_19 Datasheet
542Kb / 42P
[Old version datasheet]   40-V, 16-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com