Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5103IDB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5103IDB
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5103IDB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS5103IDB Datasheet HTML 2Page - Texas Instruments TPS5103IDB Datasheet HTML 3Page - Texas Instruments TPS5103IDB Datasheet HTML 4Page - Texas Instruments TPS5103IDB Datasheet HTML 5Page - Texas Instruments TPS5103IDB Datasheet HTML 6Page - Texas Instruments TPS5103IDB Datasheet HTML 7Page - Texas Instruments TPS5103IDB Datasheet HTML 8Page - Texas Instruments TPS5103IDB Datasheet HTML 9Page - Texas Instruments TPS5103IDB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240A – SEPTEMBER 1999 – REVISED MAY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Note 1)
–0.3 V to 27 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI, INV, CT, RT, PWM/SKIP, SOFTSTART, COMP
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VREG5V_IN
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, STBY
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, TRIP, VCC_SENSE
–0.3 V to 27 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level output voltage, VOL
–0.3 V to 27 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
High-level output voltage, VOH
–0.3 V to 32 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage, Vref
–0.3 V to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
– 125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. See Dissipation Rating Table for free-air temperature range above 25
°C.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
DB
801 mW
6.408mW/
°C
416 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
25
V
INV, CT, RT, COMP, PWM/SKIP, SOFTSTART
6
VI
Input voltage
VREG5V_IN
5.5
V
VI
Input voltage
STBY
12
V
TRIP, VCC_SENSE
25
R(T)
Timing register
82
k
C(T)
Oscillator frequency
Timing capacitor
100
pF
f
Frequency
200
kHz
TA
Operating temperature range
– 40
85
°C


Similar Part No. - TPS5103IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103IDB TI-TPS5103IDB Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDBR TI-TPS5103IDBR Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
More results

Similar Description - TPS5103IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103 TI-TPS5103 Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
   Synchronous Buck DC/DC Controller
logo
Fairchild Semiconductor
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com