Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40042 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40042
Description  LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40042 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40042 Datasheet HTML 3Page - Texas Instruments TPS40042 Datasheet HTML 4Page - Texas Instruments TPS40042 Datasheet HTML 5Page - Texas Instruments TPS40042 Datasheet HTML 6Page - Texas Instruments TPS40042 Datasheet HTML 7Page - Texas Instruments TPS40042 Datasheet HTML 8Page - Texas Instruments TPS40042 Datasheet HTML 9Page - Texas Instruments TPS40042 Datasheet HTML 10Page - Texas Instruments TPS40042 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
www.ti.com
−40
60
120
Temperature − C
6.1
6.0
5.9
5.8
5.6
5.5
−20
0
40
80
100
5.7
20
VDD = 5 V
−40
60
120
Temperature − C
450
400
300
250
200
100
50
−20
0
40
80
100
150
20
350
RC = 2.5 kΩ
RC =nil
RC = 12.5 kΩ
−40
60
120
Temperature − C
80
70
60
50
30
20
−20
0
40
80
100
40
20
VDD = 3.3 V
VDD = 5 V
−40
60
120
Temperature − C
100
95
85
80
75
65
60
−20
0
40
80
100
70
20
VDD = 2.25 V
VDD = 5.5 V
90
−40
60
120
Temperature − C
0.00
−0.50
−0.10
−0.15
−0.20
−0.40
−0.50
−20
0
40
80
100
−0.35
20
VDD = 5.5 V
−0.45
−0.30
−0.25
−40
60
120
Temperature − C
100
98
96
94
92
90
−20
0
40
80
100
20
VDD = 2.25 V
VDD = 5.5 V
TPS40042
SLUS777 – NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
PWM Gain
ILIM Threshold
Figure 7.
Figure 8.
Bootstrap Switch Resistance
Minimum Controllable Pulse Width
Figure 9.
Figure 10.
Maximum Duty Cycle
SW Node Leakage Current
Figure 11.
Figure 12.
Copyright © 2007, Texas Instruments Incorporated
7
Product Folder Link(s): TPS40042


Similar Part No. - TPS40042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042DRCR TI-TPS40042DRCR Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042DRCT TI-TPS40042DRCT Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
More results

Similar Description - TPS40042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com