Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40042DRCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40042DRCT
Description  LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40042DRCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40042DRCT Datasheet HTML 4Page - Texas Instruments TPS40042DRCT Datasheet HTML 5Page - Texas Instruments TPS40042DRCT Datasheet HTML 6Page - Texas Instruments TPS40042DRCT Datasheet HTML 7Page - Texas Instruments TPS40042DRCT Datasheet HTML 8Page - Texas Instruments TPS40042DRCT Datasheet HTML 9Page - Texas Instruments TPS40042DRCT Datasheet HTML 10Page - Texas Instruments TPS40042DRCT Datasheet HTML 11Page - Texas Instruments TPS40042DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
www.ti.com
DEVICE INFORMATION
TERMINAL CONFIGURATION
1
2
3
4
10
9
8
7
HDRV
SW
BOOT
LDRV
EN
FB
COMP
VDD
6
GND
5
REFIN
TPS40042
SLUS777 – NOVEMBER 2007
The package is an 10-pin SON (DRC) package.
Figure 13. DRC Package Terminal Configuration (Top View)
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Input (bootstrapped) supply to the high-side gate driver for PWM enabling the gate of the
high side FET to be driven above the input supply rail. Connect a ceramic capacitor from this
pin to SW. This capacitor is charged from the VDD pin voltage through an internal switch.
BOOT
8
I
The switch is turned ON during the off time of the converter. To slow down the turn on of the
external MOSFET, a small resistor (1
Ω to 3 Ω) may be placed in series with the bootstrap
capacitor. See Applications Section to calculate the appropriate value.
Output of the error amplifier and connection node for loop feedback components. The
voltage at this pin determines the duty cycle for the PWM. Optionally, a resistor from this pin
to ground is used to determine the voltage threshold used for short circuit protection. (See
Application Section)
COMP
4
O
Low threshold R = 2.4 k
Ω, ±10%
Mid threshold R = not installed
High threshold R = 12 k
Ω, ±10%
Active low enable input allows ON/OFF operation of the controller. If power is applied to the
TPS40042 while the EN pin is allowed to float high, the TPS40042 remains disabled (both
EN
2
I
external switches are held OFF). Only when the EN pin is pulled to 1.2 V below VDD is the
TPS40042 allowed to start. An internal 100-k
Ω resistor is connected between VDD and EN
to provide pull up. Connect this pin to GND to bypass the enable function.
Inverting input of the error amplifier. In closed loop operation, the voltage at this pin is at the
same potential as the REFIN pin. A series resistor divider from the converter output to
FB
3
I
ground, with the center connection tied to this pin, determines the value of the regulated
output voltage. This pin is also a connection node for loop feedback components.
GND
6
Electrical ground connection for the device.
This is the gate drive output for the high side N-channel MOSFET switch for PWM. It is
HDRV
10
O
referenced to SW and is bootstrapped for enhancement of the high-side switch.
LDRV
7
O
Gate drive output for the low-side synchronous rectifier (SR) N-channel MOSFET.
Non-inverting imput to the error amplifier. A precision voltage must be applied to this pin
before the TPS40042 is enabled. Since this input is connected directly to the non-inverting
REFIN
1
I
pin of the error amplifier, the quality of the voltage at this pin has a direct impact on the
quality of the output voltage.
Connection to the switched node of the converter and the power return for the upper gate
driver. There should be a high current return path from the source of the upper MOSFET to
SW
9
O
this pin. It is also used by the adaptive gate drive circuits to minimize the dead time between
upper and lower MOSFET conduction.
Power input to the device. This pin should be locally bypassed to GND with a low ESR
VDD
5
I
ceramic capacitor of 1
µF or greater.
Thermal pad used to conduct heat from the device. This pad should be tied externally to a
PPAD
ground plane. See Application Section for PC board layout information.
8
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40042


Similar Part No. - TPS40042DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042DRCT TI-TPS40042DRCT Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
More results

Similar Description - TPS40042DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com