Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40042DRCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40042DRCR
Description  LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40042DRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40042DRCR Datasheet HTML 7Page - Texas Instruments TPS40042DRCR Datasheet HTML 8Page - Texas Instruments TPS40042DRCR Datasheet HTML 9Page - Texas Instruments TPS40042DRCR Datasheet HTML 10Page - Texas Instruments TPS40042DRCR Datasheet HTML 11Page - Texas Instruments TPS40042DRCR Datasheet HTML 12Page - Texas Instruments TPS40042DRCR Datasheet HTML 13Page - Texas Instruments TPS40042DRCR Datasheet HTML 14Page - Texas Instruments TPS40042DRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ti.com
Enable and Start-Up Sequence
1.6
6
EN
COMP
V
OUT
T - Time - ms
Configure
ILIM
Threshold
Soft Start
Soft Start
REFIN
SS
V
t
6.0ms
1.5 V
æ
ö
=
´
ç
÷
è
ø
(2)
TPS40042
SLUS777 – NOVEMBER 2007
The EN pin of the TPS40042 is internally pulled to VDD. When power is applied to VDD, the EN pin is allowed to
float high, and the TPS40042 remains OFF. Only when the EN pin is externally pulled below the threshold
voltage of (VVDD - 1.2 V) is the TPS40042 allowed to start. When enabled, the TPS40042 enters a calibration
cycle where the short circuit current threshold is determined. The TPS40042 monitors the current out of the
COMP pin and selects a threshold based on the sensed value of the current. See Selecting the Short Circuit
Current Limit Threshold section for for details. When this calibration time is completed, the soft-start cycle is
allowed to begin. See Figure 15 below.
Figure 15. Startup with VREFIN =1.5 V
DESIGN
If the enable function is not used, the EN pin should be connected to ground
HINT:
(GND).
DESIGN
When designing the feedback loop compensation, ensure the capacitors used
HINT:
are not so large that they distort the COMP pin calibration waveform.
At the end of a calibration cycle, the TPS40042 slowly increases the voltage to the non-inverting input of the
error amplifier. In this way, the output voltage slowly ramps up until the voltage on the non-inverting input to the
error amplifier reaches the external (VREFIN) reference voltage. At that time, the voltage at the non-inverting input
to the error amplifier remains at the applied reference voltage.
During the soft-start interval, pulse-by-pulse current limiting is active. If seven consecutive current limit pulses are
detected, overcurrent is declared and a timeout period equivalent to seven calibration/soft-start cycles goes into
effect. See Output Short Circuit Protection section for details.
Since the rate of rise of the output voltage is constant with different REFIN voltage levels, the actual soft start
time is directly proportional to the value of the external reference voltage. The rate of rise at the non-inverting
input of the error amplifier is 0.25 V/ms. The rate of rise measured at the output terminals of the DC/DC
converter will be increased by the output voltage-to-reference voltage ratio.
For example, if a 1-V external reference is applied for a 1.5-V output DC/DC converter, the soft-start
time-to-output voltage regulation is 4 ms.
Copyright © 2007, Texas Instruments Incorporated
11
Product Folder Link(s): TPS40042


Similar Part No. - TPS40042DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042DRCR TI-TPS40042DRCR Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
More results

Similar Description - TPS40042DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com