Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40042DRCTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40042DRCTG4
Description  LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40042DRCTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40042DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−40
60
120
Temperature − C
1.100
1.000
0.900
0.800
0.700
0.500
0.400
−20
0
40
80
100
0.600
VDD = 2.25 V
VDD = 5.5 V
20
60
120
Temperature − C
−20
0
40
80
100
20
VDD = 2.25 V
VDD = 5.5 V
−40
110
105
100
95
90
80
75
85
70
−40
60
120
Temperature − C
2.150
2.100
2.050
2.000
1.950
1.850
1.800
−20
0
40
80
100
1.900
20
2.200
Turn ON
Turn OFF
−40
60
120
Temperature − C
−0.9
−1.0
−1.1
−1.2
−1.3
−1.5
−1.6
−20
0
40
80
100
−1.4
20
−0.8
VDD = 5 V
−40
60
120
Temperature − C
700
650
600
500
−20
0
40
80
100
550
20
VDD = 2.25V
VDD = 3.9V
VDD = 5.5V
VDD = 5 V
-40
60
120
6.6
6.5
6.4
6.3
6.1
6.0
-20
0
40
80
100
6.2
20
T - Temperature - °C
TPS40042
SLUS777 – NOVEMBER 2007
Quiescent Current (Non-Switching)
Shutdown Current
Figure 1.
Figure 2.
UVLO Threshold
EN Threshold
Figure 3.
Figure 4.
Oscillator Frequency
Soft Start Time; VREFIN = 1.5 V
Figure 5.
Figure 6.
6
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40042


Similar Part No. - TPS40042DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042DRCT TI-TPS40042DRCT Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
More results

Similar Description - TPS40042DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com