Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40074RHLT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40074RHLT
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40074RHLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40074RHLT Datasheet HTML 7Page - Texas Instruments TPS40074RHLT Datasheet HTML 8Page - Texas Instruments TPS40074RHLT Datasheet HTML 9Page - Texas Instruments TPS40074RHLT Datasheet HTML 10Page - Texas Instruments TPS40074RHLT Datasheet HTML 11Page - Texas Instruments TPS40074RHLT Datasheet HTML 12Page - Texas Instruments TPS40074RHLT Datasheet HTML 13Page - Texas Instruments TPS40074RHLT Datasheet HTML 14Page - Texas Instruments TPS40074RHLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
60
90
150
180
210
270
120
240
4
2
8
6
10
14
12
18
16
20
RKFF − Feedforward Impedance − kΩ
UVLOVON
fSW = 500 kHz
UVLOVOFF
RKFF − Feedforward Impedance − kΩ
100
150
250
300
350
450
200
400
4
2
8
6
10
14
12
18
16
20
UVLOVON
fSW = 300 kHz
UVLOVOFF
40
60
100
120
140
180
80
160
4
2
8
6
10
14
12
18
16
20
RKFF − Feedforward Impedance − kΩ
UVLOVON
fSW = 750 kHz
UVLOVOFF
TPS40074
SLUS617B – APRIL 2005 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
Figure 5.
Figure 6.
Figure 7.
11
Submit Documentation Feedback


Similar Part No. - TPS40074RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074RHLT TI-TPS40074RHLT Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLTG4 TI-TPS40074RHLTG4 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40074RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com