Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40075 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40075
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40075 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40075 Datasheet HTML 7Page - Texas Instruments TPS40075 Datasheet HTML 8Page - Texas Instruments TPS40075 Datasheet HTML 9Page - Texas Instruments TPS40075 Datasheet HTML 10Page - Texas Instruments TPS40075 Datasheet HTML 11Page - Texas Instruments TPS40075 Datasheet HTML 12Page - Texas Instruments TPS40075 Datasheet HTML 13Page - Texas Instruments TPS40075 Datasheet HTML 14Page - Texas Instruments TPS40075 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
www.ti.com
60
90
150
180
210
270
120
240
4
2
8
6
10
14
12
18
16
20
RKFF − Feedforward Impedance − kΩ
UVLOVON
fSW = 500 kHz
UVLOVOFF
RKFF − Feedforward Impedance − kΩ
100
150
250
300
350
450
200
400
4
2
8
6
10
14
12
18
16
20
UVLOVON
fSW = 300 kHz
UVLOVOFF
40
60
100
120
140
180
80
160
4
2
8
6
10
14
12
18
16
20
RKFF − Feedforward Impedance − kΩ
UVLOVON
fSW = 750 kHz
UVLOVOFF
8
16
20
24
28
12
4
40
20
30
70
50
60
100
80
90
VIN − Input Voltage − V
UVLO(on) = 8 V
UVLO(on) = 15 V
UVLO(on) = 4.5 V
UVLO(on) = 12 V
TPS40075
SLUS676A – MAY 2006 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
UVLO THRESHOLD VOLTAGE
UVLO THRESHOLD VOLTAGE
vs
vs
FEEDFORWARD IMPEDANCE
FEEDFORWARD IMPEDANCE
Figure 19.
Figure 20.
UVLO THRESHOLD VOLTAGE
TYPICAL MAXIMUM DUTY CYCLE
vs
vs
FEEDFORWARD IMPEDANCE
INPUT VOLTAGE
Figure 21.
Figure 22.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS40075


Similar Part No. - TPS40075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI-TPS40075 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40075RHLR TI-TPS40075RHLR Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075RHLT TI-TPS40075RHLT Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com