Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNM-30 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FNM-30
Description  FNM 13??2? x 1-1??? 250Vac time-delay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNM-30 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FNM-30 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNM-30 Datasheet HTML 2Page - Cooper Bussmann, Inc. FNM-30 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 2028
Effective December 2015
Supersedes April 2014
Description:
Time-delay supplemental fuse.
For superior protection, Eaton recommends
upgrading to Bussmann series Low-Peak™
Class CC fuses. See data sheet No. 1023.
Specifications:
Ratings
Fuse
amp
range
Interrupting rating at
system voltage
Agency
information
250Vac
125Vac
UL®
CSA®
1/10 to 1
35A
10kA
X
X
1-1/8 to 3-1/2 100A
10kA
X
X
4 to 10
200A
10kA
X
X
12 to 30
10kA
X
X
Agency information
CE
UL Listed, Std. 248-14, Guide JDYX;
File E19180
CSA Certified, Class 1422-01, File 53787
RoHS compliant
Catalog numbers (amps)
FNM-1⁄10
FNM-8⁄10
FNM-2-1⁄2
FNM-6-1⁄4
FNM-1⁄8
FNM-1
FNM-2-8⁄10
FNM-7
FNM-15⁄100
FNM-1-1⁄8
FNM-3
FNM-8
FNM-2⁄10
FNM-1-1⁄4
FNM-3-2⁄10
FNM-9
FNM-1⁄4
FNM-1-4⁄10
FNM-3-1⁄2
FNM-10
FNM-3⁄10
FNM-1-1⁄2
FNM-4
FNM-12
FNM-4⁄10
FNM-1-6⁄10
FNM-4-1⁄2
FNM-15
FNM-1⁄2
FNM-1-8⁄10
FNM-5
FNM-20
FNM-6⁄10
FNM-2
FNM-5-6⁄10
FNM-25
FNM-3⁄4
FNM-2-1⁄4
FNM-6
FNM-30
Carton quantity
Amps
Qty.
1/10 to 30
10
FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay
supplemental fuses
0.41"
(10.3)
1.5"
(38.1)
Dimensions - in (mm):
250Vac
1/10 to 30A
BUSSMANN
SERIES
Catalog symbol / color code:
FNM
Green (250Vac max)
Features
Color coded green for 250Vac maximum
voltage rating
Melamine tube construction
Nickel-plated endcaps
Typical applications
Circuits with high inrush currents
(motor/transformer loads)
Supplemental protection for inductive
circuits up to 250Vac.
Recommended fuse blocks/fuse holders
Catalog
symbol
Description
Blocks
Data sheet
No.
BMM
1-, 2- and 3-pole
modular blocks with
optional covers
10235
DIN-Rail holders / switches
CCP-_-30M
1-, 2- and 3-pole
switch
1157
CHM
1-, 2- and 3-pole
3185
Optima NG
3-pole protection
module
1109
Optima
3-pole holder
1102
Optima
3-pole holder +
switch
1103
Panel mount holders
HPM and HPM-D
1-pole holder
2112
HPC-D
1-pole holder
2109
HPS2
2-pole holder
2140
HPF, HPF-C and
HPF-WT
1-pole holder
2114
HPS
1-pole holder
2113
HPG and HPD
1-pole holder
2108
In-line holders
HEB
1-pole holder
2127
HEX
2-pole holder
2126
Fuseclips
1A3400, 5956
and 5960
PCB fuseclips
2132
Fuse covers
CVR(I)-CCM(-QC)
Finger-safe fuse
cover
10235


Similar Part No. - FNM-30

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FNM-30 EATON-FNM-30 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-30 EATON-FNM-30 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
More results

Similar Description - FNM-30

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FNM EATON-FNM Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-8 EATON-FNM-8 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNA EATON-FNA Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNA-20 COOPER-FNA-20 Datasheet
510Kb / 2P
   13/32 x 1-1/2 250Vac Pin indicating time-delay supplemental fuses
FNA-1 COOPER-FNA-1_15 Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNQ EATON-FNQ Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-110 COOPER-FNQ-110 Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com