Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS4009 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS4009
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS4009 Datasheet(HTML) 3 Page - Texas Instruments

  TPS4009 Datasheet HTML 1Page - Texas Instruments TPS4009 Datasheet HTML 2Page - Texas Instruments TPS4009 Datasheet HTML 3Page - Texas Instruments TPS4009 Datasheet HTML 4Page - Texas Instruments TPS4009 Datasheet HTML 5Page - Texas Instruments TPS4009 Datasheet HTML 6Page - Texas Instruments TPS4009 Datasheet HTML 7Page - Texas Instruments TPS4009 Datasheet HTML 8Page - Texas Instruments TPS4009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
SS
COMP
FB
RC
8
5
7
6
1
4
2
3
ISNS GDRV GND
VDD
1
2
3
4
SS
COMP
FB
RC
8
7
6
5
ISNS
GDRV
GND
VDD
TPS40200
www.ti.com
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
8 PINS
8 PINS
VSON (DRB) PACKAGE
SOIC (D) PACKAGE
(BOTTOM VIEW)
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COMP
3
O
Error amplifier output. Connect control loop compensation network from COMP to FB.
FB
4
I
Error amplifier inverting input. Connect feedback resistor network center tap to this pin.
GND
5
Device ground.
GDRV
6
O
Driver output for external P-channel MOSFET
Current-sense comparator input. Connect a current sense resistor between ISNS and VDD in order to set
ISNS
7
I
desired overcurrent threshold.
Switching frequency setting RC network. Connect a capacitor from the RC pin to the GND pin and connect a
resistor from the VDD pin to the RC pin. The device may be synchronized to an external clock by connecting
RC
1
I
an open drain output to this pin and pulling it to GND. For mor info on pulse width for synchronization,
please refer to the Synchronizing the Oscillator section.
Soft-start programming pin. Connect capacitor from SS to GND to program soft start time. Pulling this pin
SS
2
I
below 150 mV causes the output switching to stop, placing the device in a shutdown state. The pin also
functions as a restart timer for overcurrent events.
VDD
8
I
System input voltage. Connect local bypass capacitor from VDD to GND.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS40200


Similar Part No. - TPS4009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
More results

Similar Description - TPS4009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com