Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40211 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211
Description  4.5-V to 52-V Input Current Mode Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40211 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40211 Datasheet HTML 6Page - Texas Instruments TPS40211 Datasheet HTML 7Page - Texas Instruments TPS40211 Datasheet HTML 8Page - Texas Instruments TPS40211 Datasheet HTML 9Page - Texas Instruments TPS40211 Datasheet HTML 10Page - Texas Instruments TPS40211 Datasheet HTML 11Page - Texas Instruments TPS40211 Datasheet HTML 12Page - Texas Instruments TPS40211 Datasheet HTML 13Page - Texas Instruments TPS40211 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
+
+
Soft Start
and
Overcurrent
5
FB
4
COMP
3
DIS/EN
700 mV
LDO
PWM
Logic
2
SS
1
RC
Oscillator
and
Slope
Compensation
UVLO
Driver
9
BP
10 VDD
8
GDRV
6
GND
7
ISNS
+
Gain = 6
+
150 mV
LEB
OC Fault
OC Fault
UDG-07107
Enable E/A
E/A
SS Ref
10
TPS40210, TPS40211
SLUS772F – MARCH 2008 – REVISED MARCH 2015
www.ti.com
Product Folder Links: TPS40210 TPS40211
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS4021x is a peak current-mode control low-side controller with a built in 400-mA gate driver designed to
drive n- channel MOSFETs at a fixed frequency. The frequency is adjustable from 35 kHz to 1000 kHz. Small
size combined with complete functionality makes the part both versatile and easy to use.
The controller uses a low-value current-sensing resistor in series with the power MOSFET's source connection to
detect switching current. When the voltage drop across this resistor exceeds 150 mV, the part enters an hiccup
fault mode with a time period set by the external soft-start capacitor.
The TPS40210 uses voltage feedback to an error amplifier that is biased by a precision 700-mV reference. The
TPS40211 has a lower 260-mV reference for higher efficiency in LED drive applications. Internal slope
compensation eliminates the characteristic sub-harmonic instability of peak current mode control with duty cycles
of 50% or greater.
The TPS4021x also incorporates a soft-start feature where the output follows a slowly rising soft-start voltage,
preventing output-voltage overshoot. The DIS/EN disables the TPS40210 putting it in a low quiescent current
shutdown mode.
7.2 Functional Block Diagram


Similar Part No. - TPS40211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211 TI-TPS40211 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211 TI-TPS40211 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211 TI-TPS40211 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40211-Q1 TI-TPS40211-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
TPS40211DGQ TI-TPS40211DGQ Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Similar Description - TPS40211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com