Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A5779- Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # 1A5779-
Description  PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A5779- Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  1A5779- Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A5779- Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A5779- Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A5779- Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
A
ATC
ATM
Catalog 7/8
1”
11/4”13/8”11/2”B
C
Board
Number (22.2mm) (25.4mm) (31.8mm) (34.93mm) (38.10mm) 20mm
——
Tabs
(4 holes)
Thickness
1A5778- ————
0.464”
0.144”
0.065”±0.002” 0.062”
(11.79)
(3.66)
(1.65±0.05)
(1.57)
1A5779- ————
0.464”
0.144”
0.065”±.002”
0.062”
(11.79)
(3.66)
(1.65±.05)
(1.57)
1A5780- ————
0.560
0.200”
0.100”±0.002” 0.062”
(14.22)
(5.08)
(2.54±0.05)
(1.57)
1A3398- 1.00”
1.125”
1.375”
——
0.295”-0.305”
0.067”-.070”
0.093”
1A1907- (25.40)
(28.58)
(34.920)
(7.49-7.75)
(1.70-1.78)
(2.36)
1A1119- 1.00”
1.125”
1.375”
——
0.295”-0.305”
0.093”±0.002” 0.062”to 0.125”
(25.40)
(28.58)
(34.92)
(7.49-7.75)
(2.36±0.05)
(1.57to3.18)
1A1120- 1.00”
1.125”
1.375”
——
0.295”-0.305”
0.093”±0.002” 0.062”to 0.125”
(25.40)
(28.58)
(34.920)
(7.49-7.75)
(2.36±0.05)
(1.57 to 3.18)
1A3399- ————
0.875”
——
0.200”
0.067”-.070”
093”
(22.23)
(5.08)
(1.70-1.78)
(2.36)
1A3400- ———
1.50”
1.625”—
——
0.405”
0.091”-.095”
0.125”
(38.10)
(41.28)
(10.29)
(2.31-2.41)
(3.18)
1A4533- 1.00”
1.125”
1.375”
——
0.300”
0.067”-.070”
0.062”
(25.40)
(28.58)
(34.920)
(7.62)
(1.70-1.78)
(1.57)
1A4534- 1.00”
1.125”
1.375”
——
0.300”
0.067”-.070”
0.062”
(25.40)
(28.58)
(34.920)
(7.62)
(1.70-1.78)
(1.57)
1A5018- ————
0.820”±0.015” ——
0.180”
0.053”-.002”
0.093”
(20.80±0.38)
(4.6)
(1.35-0.05)
(2.36)
1A5600- ————
0.200”
0.052”±0.003” 0.125”max.
(5.08)
(1.32±0.077)
(3.18)
1A5601- ————
0.820”±0.015” ——
0.266”
0.067”±0.003” 0.062”
(20.80±0.38)
(6.76)
(1.70±0.074)
(1.57)
1A5602- ————
0.220”
0.125”max.
(5.588)
(3.175)
Footprint
Dimensional Data
A
B
B
C
Fuse Clip Catalog Numbers
© 2013 Cooper Bussmann
www.cooperbussmann.com
0413 BU-SB13482
Page 4 of 4
Data Sheet 2131
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive.All other copies of this document are by definition
uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper
Bussmannreservestheright,withoutnotice,tochangedesignorconstructionofanyproductsandtodiscontinueorlimitdistributionofanyproducts.CooperBussmannalsoreserves
the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
PCB Fuse Clips forATC/ATM Blade, 5mm, 1/4” & 13/32” Diameter Fuses
1AXXXX Series


Similar Part No. - 1A5779-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A5779 ETC1-1A5779 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A5779 COOPER-1A5779 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1A5779 EATON-1A5779 Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
1A5779 EATON-1A5779 Datasheet
796Kb / 2P
   ATM blade fuses
More results

Similar Description - 1A5779-

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
Littelfuse
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com