Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40211DRCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211DRCR
Description  4.5-V to 52-V Input Current Mode Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40211DRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40211DRCR Datasheet HTML 3Page - Texas Instruments TPS40211DRCR Datasheet HTML 4Page - Texas Instruments TPS40211DRCR Datasheet HTML 5Page - Texas Instruments TPS40211DRCR Datasheet HTML 6Page - Texas Instruments TPS40211DRCR Datasheet HTML 7Page - Texas Instruments TPS40211DRCR Datasheet HTML 8Page - Texas Instruments TPS40211DRCR Datasheet HTML 9Page - Texas Instruments TPS40211DRCR Datasheet HTML 10Page - Texas Instruments TPS40211DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
0
400
1400
-40
200
1200
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
1000
800
R
SS(DSCH) Discharge
R
SS(CHG) Charge
600
15
29
-40
17
27
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
23
19
25
21
36 V
12 V
4.5 V
24 V
V
VDD (V)
12 V
24 V
4.5 V
36 V
0
V
VDD – Input Voltage – V
5
15
10
45
25
20
145
148
155
146
153
151
149
152
154
150
147
35
30
40
-5
-2
5
-40
-4
3
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
1
-1
2
4.5 V
12 V
30 V
30 V
12 V
4.5 V
4
0
-3
V
VDD (V)
4.00
4.30
-40
4.05
4.25
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
4.15
4.10
4.20
UVLO On
UVLO Off
Off
On
UVLO
147
150
155
-40
148
154
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
152
151
4.5 V
7.5 V
30 V
12 V & 20 V
4.5 V
7.5 V
V
VDD
30 V
12 V & 20 V
153
149
7
TPS40210, TPS40211
www.ti.com
SLUS772F – MARCH 2008 – REVISED MARCH 2015
Product Folder Links: TPS40210 TPS40211
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Undervoltage Lockout Threshold vs Junction
Temperature
Figure 8. Overcurrent Threshold vs Junction Temperature
Figure 9. Overcurrent Threshold vs Input Voltage
Figure 10. Switching Frequency Change vs Junction
Temperature
Figure 11. Oscillator Amplitude vs Junction Temperature
Figure 12. Soft-Start Charge/Discharge Resistance vs
Junction Temperature


Similar Part No. - TPS40211DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211DRCR TI-TPS40211DRCR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCR TI-TPS40211DRCR Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCR TI-TPS40211DRCR Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCRG4 TI-TPS40211DRCRG4 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Similar Description - TPS40211DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com