Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLFM140-MH1 Datasheet(PDF) 7 Page - Formosa MS

Part # KLFM140-MH1
Description  Chip Low Leakage Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KLFM140-MH1 Datasheet(HTML) 7 Page - Formosa MS

  KLFM140-MH1 Datasheet HTML 1Page - Formosa MS KLFM140-MH1 Datasheet HTML 2Page - Formosa MS KLFM140-MH1 Datasheet HTML 3Page - Formosa MS KLFM140-MH1 Datasheet HTML 4Page - Formosa MS KLFM140-MH1 Datasheet HTML 5Page - Formosa MS KLFM140-MH1 Datasheet HTML 6Page - Formosa MS KLFM140-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Chip Low Leakage Schottky Barrier Rectifier
Document ID
Issued Date
Revised Date
Revision
Page.
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
at 245 5
for 5 sec.
V =80% rate at T =150
for 168 hrs.
Rated average rectifier current at T =25
for 500hrs.
T = 25 C, I = I
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±C
C
C
C
CC
C
C
O
O
O
O
O
OO
O
O
RJ
A
AF
O
SIG
A
A
O
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
JESD22-A102
Item Test
Conditions
Reference
High reliability test capabilities
KLFM120-MH1 THRU KLFM140-MH1
DS-12164N
2013/12/17
-
A
7


Similar Part No. - KLFM140-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KLFM140-MHT FORMOSA-KLFM140-MHT Datasheet
64Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
More results

Similar Description - KLFM140-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KLFM120-MHT FORMOSA-KLFM120-MHT Datasheet
64Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM07540-U FORMOSA-KLFM07540-U Datasheet
52Kb / 6P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120 FORMOSA-KLFM120 Datasheet
62Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120-MS FORMOSA-KLFM120-MS Datasheet
63Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
KLFM120-MT FORMOSA-KLFM120-MT Datasheet
63Kb / 7P
   Chip Low Leakage Schottky Barrier Rectifier
logo
Solid States Devices, I...
SH0083B SSDI-SH0083B Datasheet
51Kb / 2P
   LOW LEAKAGE SCHOTTKY RECTIFIER
SH0083B SSDI-SH0083B_15 Datasheet
51Kb / 2P
   LOW LEAKAGE SCHOTTKY RECTIFIER
logo
Central Semiconductor C...
CMPSH1-4LE CENTRAL-CMPSH1-4LE_15 Datasheet
505Kb / 2P
   LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
CPD87R CENTRAL-CPD87R Datasheet
710Kb / 2P
   Low Leakage Schottky Diode Chip
logo
NXP Semiconductors
PMEG6020AELR PHILIPS-PMEG6020AELR_15 Datasheet
213Kb / 15P
   60 V, 2 A low leakage current Schottky barrier rectifier
19 June 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com