Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STK11C68-M
Description  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STK11C68-M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK11C68-M
4-39
Internally,
RECALL is a two step procedure. First, the
SRAM data is cleared and second, the nonvolatile
information is transferred into the SRAM cells. The
RECALL operation in no way alters the data in the
EEPROM cells. The nonvolatile data can be recalled
an unlimited number of times.
On power-up, once VCC exceeds the VCC sense volt-
age of 4.0V, a
RECALL cycle is automatically initiated.
The voltage on the VCC pin must not drop below 4.0V
once it has risen above it in order for the
RECALL to
operate properly.
Due to this automatic
RECALL,
SRAM operation cannot commence until tRECALL after
VCC exceeds 4.0V. 4.0V is a typical, characterized
value.
If the STK11C68-M is in a WRITE state at the end of
power-up
RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor should
be connected between W and system VCC.


Similar Part No. - STK11C68-M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5C35M CYPRESS-STK11C68-5C35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5C45M CYPRESS-STK11C68-5C45M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5C55M CYPRESS-STK11C68-5C55M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5K35M CYPRESS-STK11C68-5K35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68-M

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com