Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5221B Datasheet(PDF) 4 Page - Formosa MS

Part # MMSZ5221B
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5221B Datasheet(HTML) 4 Page - Formosa MS

  MMSZ5221B Datasheet HTML 1Page - Formosa MS MMSZ5221B Datasheet HTML 2Page - Formosa MS MMSZ5221B Datasheet HTML 3Page - Formosa MS MMSZ5221B Datasheet HTML 4Page - Formosa MS MMSZ5221B Datasheet HTML 5Page - Formosa MS MMSZ5221B Datasheet HTML 6Page - Formosa MS MMSZ5221B Datasheet HTML 7Page - Formosa MS MMSZ5221B Datasheet HTML 8Page - Formosa MS MMSZ5221B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rating and characteristic curves (MMSZ5221B THRU MMSZ5267B)
Page 4
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
-3
-2
-1
0
1
2
3
4
5
8
12
11
10
9
8
7
6
5
4
3
2
VZ @IZT
100
10
1
10
100
FIG1
TEMPERATURE COEFFICIENTS
TEMPERATURE RANGE
55 C TO
150 C
.
(+
)
− °°
FIG 2
TEMPERATURE COEFFICIENTS
TEMPERATURE RANGE
55 C TO
150 C
.
(+
)
− °°
6
7
90
NOMINAL ZENER VOLTAGE(V)
FIG3. TYPICAL LEAKAGE CURRENT
1000
100
10
1
01
.
001
.
0 001
.
0 0001
.
0 00001
.
80
70
60
50
40
30
20
10
0
+150 C
+25 C
-55 C
12
.
11
.
10
.
09
.
08
.
07
.
06
.
05
.
04
.
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
FORWARD VOLTAGE(V)
FIG4. TYPICAL FORWARD VOLTAGE
06
.
05
.
04
.
03
.
02
.
01
.
0
125
100
75
50
25
0
150
LEAD TEMPERATURE( C)
°
FIG5. STEADY STATE POWER DERATING
NOMINAL ZENER VOLTAGE(V)
NOMINAL ZENER VOLTAGE(V)
100
10
1
1000
100
10
1
TJ =25 C
IZAC
()
=.
01IZDC
()
f1 kHz
=
IZ =1 mA
5mA
20 mA
FIG6.
Effect of Zener Voltage on Zener Impedance
VZ, NOMINAL ZENER VOLTAGE
DS-221715
2008/02/10
2010/03/10
C
9


Similar Part No. - MMSZ5221B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MMSZ5221B DGNJDZ-MMSZ5221B Datasheet
535Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
MMSZ5221B PANJIT-MMSZ5221B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
MMSZ5221B SY-MMSZ5221B Datasheet
296Kb / 3P
   Surface mount zener diode
logo
Guangdong Kexin Industr...
MMSZ5221B KEXIN-MMSZ5221B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
Frontier Electronics.
MMSZ5221B FRONTIER-MMSZ5221B Datasheet
146Kb / 2P
   ZENER DIODES
More results

Similar Description - MMSZ5221B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com