Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5229B Datasheet(PDF) 4 Page - Formosa MS

Part # MMBZ5229B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMBZ5229B Datasheet(HTML) 4 Page - Formosa MS

  MMBZ5229B Datasheet HTML 1Page - Formosa MS MMBZ5229B Datasheet HTML 2Page - Formosa MS MMBZ5229B Datasheet HTML 3Page - Formosa MS MMBZ5229B Datasheet HTML 4Page - Formosa MS MMBZ5229B Datasheet HTML 5Page - Formosa MS MMBZ5229B Datasheet HTML 6Page - Formosa MS MMBZ5229B Datasheet HTML 7Page - Formosa MS MMBZ5229B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221744
2009/08/10
2010/04/12
B
8
Rating and characteristic curves (MMBZ5221B THRU MMBZ5270B)
-3
-2
-1
0
1
2
3
4
5
6
7
8
2
3
4
5
6
7
8
9
10
11
12
10
100
100
10
1
1000
100
10
1
0
10
20
30
40
50
60
70
80
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
TYPICAL T VALUES
FOR MMBZ5221B SERIES
C
TYPICAL T VALUES
FOR MMBZ5221B SERIES
C
75 V (MMBZ5267B)
91 V (MMBZ5270B)
Figure 1
Temperature Coefficients
Temperature Range 55°C to 150°C
.
(+
)
Figure 2
Temperature Coefficients
Temperature Range 55°C to 150°C
.
(+
)
Figure 6. Typical Leakage Current
Figure 5. Typical Capacitance
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, NOMINAL ZENER VOLTAGE (V)
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VZ, NOMINAL ZENER VOLTAGE (V)
VF, FORWARD VOLTAGE (V)
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
=25°C
=25°C
=25°C
°C
°C
°C
°C
150
-


Similar Part No. - MMBZ5229B

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5229B SKTECHNOLGY-MMBZ5229B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
MMBZ5229B PANJIT-MMBZ5229B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5229B BILIN-MMBZ5229B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5229B WINNERJOIN-MMBZ5229B Datasheet
137Kb / 2P
   SOT-23 Plastic-Encapsulate Diode
logo
Fairchild Semiconductor
MMBZ5229B FAIRCHILD-MMBZ5229B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5229B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com