Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N052AT23 Datasheet(PDF) 3 Page - Formosa MS

Part # N052AT23
Description  SMD Transient Voltage Suppressor For ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

N052AT23 Datasheet(HTML) 3 Page - Formosa MS

  N052AT23 Datasheet HTML 1Page - Formosa MS N052AT23 Datasheet HTML 2Page - Formosa MS N052AT23 Datasheet HTML 3Page - Formosa MS N052AT23 Datasheet HTML 4Page - Formosa MS N052AT23 Datasheet HTML 5Page - Formosa MS N052AT23 Datasheet HTML 6Page - Formosa MS N052AT23 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
t, Time (us)
FIG.1 Pulse Waveform
Rating and characteristic curves (N032AT23 THRU N362AT23)
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
110
FIG.2 Power Derating Curve
T , Ambient temperature ( C)
A
O
Document ID
Issued Date
Revised Date
Revision
Page.
100
30
0
020
40
60
PEAK VALUE I
@8us
RSM
HALF VALUE =
I
RSM
2
t
P
t
r
PULSE WIDTH(t )IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8us
P
@20us
80
10
20
40
50
60
80
90
70
Pulse Duration - tp (us)
FIG.3 Non-Repetitive Peak Pulse Power vs. Pulse Time
FIG.4 Forward Characteristics
Peak Pulse Current(A)
SMD Transient Voltage Suppressor For ESD Protection
DS-221825
2009/08/10
2012/01/10
C
7


Similar Part No. - N052AT23

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-024 TRIPPLITE-N052-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-048-1U TRIPPLITE-N052-048-1U Datasheet
486Kb / 2P
   48-Port 1U Rack-Mount High-Density UTP 110-Type Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
N052-P24 TRIPPLITE-N052-P24 Datasheet
157Kb / 2P
   Cat5e 24-Port Patch Panel - PoE Compliant, 110/Krone, 568A/B, RJ45 Ethernet, 1U Rack-Mount, TAA
More results

Similar Description - N052AT23

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
ESD9FN24 FORMOSA-ESD9FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
ESD9FN12-A0 FORMOSA-ESD9FN12-A0 Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3C FORMOSA-ESD9FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN12C FORMOSA-ESD9FN12C Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN5.0 FORMOSA-ESD5FN5.0 Datasheet
56Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD5FN12C FORMOSA-ESD5FN12C Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3 FORMOSA-ESD9FN3.3 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN5.0C FORMOSA-ESD9FN5.0C Datasheet
58Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com