Electronic Components Datasheet Search |
|
MMSZ51T1 Datasheet(PDF) 1 Page - ON Semiconductor |
|
MMSZ51T1 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2004 December, 2004 − Rev. 5 1 Publication Order Number: MMSZ2V4T1/D MMSZ2V4T1 Series Zener Voltage Regulators 500 mW SOD−123 Surface Mount Three complete series of Zener diodes are offered in the convenient, surface mount plastic SOD−123 package. These devices provide a convenient alternative to the leadless 34−package style. Features • 500 mW Rating on FR−4 or FR−5 Board • Wide Zener Reverse Voltage Range − 2.4 V to 56 V • Package Designed for Optimal Automated Board Assembly • Small Package Size for High Density Applications • ESD Rating of Class 3 (>16 kV) per Human Body Model • Pb−Free Package is Available Mechanical Characteristics CASE: Void-free, transfer-molded, thermosetting plastic case FINISH: Corrosion resistant finish, easily Solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260 °C for 10 Seconds POLARITY: Cathode indicated by polarity band FLAMMABILITY RATING: UL 94 V−0 MAXIMUM RATINGS Rating Symbol Max Unit Total Power Dissipation on FR−5 Board, (Note 1) @ TL = 75°C Derated above 75 °C PD 500 6.7 mW mW/ °C Thermal Resistance − Junction−to−Ambient (Note 2) RqJA 340 °C/W Thermal Resistance − Junction−to−Lead (Note 2) RqJL 150 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR−5 = 3.5 X 1.5 inches. 2. Thermal Resistance measurement obtained via infrared Scan Method. Device Package Shipping† ORDERING INFORMATION SOD−123 CASE 425 STYLE 1 1 Cathode 2 Anode MMSZxxxT1 SOD−123 3000/Tape & Reel MARKING DIAGRAM See specific marking information in the device marking column of the Electrical Characteristics table on page 3 of this data sheet. DEVICE MARKING INFORMATION xx = Specific Device Code M = Date Code xx M 1 2 MMSZxxxT3* SOD−123 10,000/Tape & Reel http://onsemi.com Individual devices are listed on page 3 of this data sheet. †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Similar Part No. - MMSZ51T1 |
|
Similar Description - MMSZ51T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |