Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z22V Datasheet(PDF) 7 Page - Formosa MS

Part # MM5Z22V
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM5Z22V Datasheet(HTML) 7 Page - Formosa MS

  MM5Z22V Datasheet HTML 1Page - Formosa MS MM5Z22V Datasheet HTML 2Page - Formosa MS MM5Z22V Datasheet HTML 3Page - Formosa MS MM5Z22V Datasheet HTML 4Page - Formosa MS MM5Z22V Datasheet HTML 5Page - Formosa MS MM5Z22V Datasheet HTML 6Page - Formosa MS MM5Z22V Datasheet HTML 7Page - Formosa MS MM5Z22V Datasheet HTML 8Page - Formosa MS MM5Z22V Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Packing information
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
MM5Z2V4 THRU MM5Z75V
Item
Tolerance
SOD-523FL
Carrier width
Carrier length
Carrier depth
Sprocket hole
7" Reel outside diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D1
D2
W1
Symbol
0.1
0.1
0.1
min
0.2
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
unit:mm
178.00
50.00
13.00
1.75
3.50
2.00
4.00
2.00
0.23
8.00
9.50
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
0.90
1.94
0.76
1.50
DS-221739
2009/08/10
2012/12/26
E
9


Similar Part No. - MM5Z22V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z22V EIC-MM5Z22V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z22V SUNMATE-MM5Z22V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z22V WEITRON-MM5Z22V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
MM5Z22V SHUNYE-MM5Z22V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z22V FAIRCHILD-MM5Z22V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z22V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com