Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5246A-FL Datasheet(PDF) 9 Page - Formosa MS

Part # MMSZ5246A-FL
Description  SMD Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5246A-FL Datasheet(HTML) 9 Page - Formosa MS

Back Button MMSZ5246A-FL Datasheet HTML 2Page - Formosa MS MMSZ5246A-FL Datasheet HTML 3Page - Formosa MS MMSZ5246A-FL Datasheet HTML 4Page - Formosa MS MMSZ5246A-FL Datasheet HTML 5Page - Formosa MS MMSZ5246A-FL Datasheet HTML 6Page - Formosa MS MMSZ5246A-FL Datasheet HTML 7Page - Formosa MS MMSZ5246A-FL Datasheet HTML 8Page - Formosa MS MMSZ5246A-FL Datasheet HTML 9Page - Formosa MS MMSZ5246A-FL Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page 9
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Reel packing
SOD-123FL
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
9.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
10~30sec
3.Reflow soldering
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
MMSZ5221-FL THRU MMSZ5267-FL
DS-221750
2011/08/26
-
A
10


Similar Part No. - MMSZ5246A-FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5246A-AU PANJIT-MMSZ5246A-AU Datasheet
292Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5246A-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com