Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5243BS-FL Datasheet(PDF) 7 Page - Formosa MS

Part # MMSZ5243BS-FL
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5243BS-FL Datasheet(HTML) 7 Page - Formosa MS

  MMSZ5243BS-FL Datasheet HTML 1Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 2Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 3Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 4Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 5Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 6Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 7Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 8Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
SOD-323FL
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
1.46
2.95
1.25
MMSZ5221BS-FL THRU MMSZ5267BS-FL
DS-221770
2011/07/12
-
A
9


Similar Part No. - MMSZ5243BS-FL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5243BS-7-F DIODES-MMSZ5243BS-7-F Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
Pan Jit International I...
MMSZ5243BS-AU PANJIT-MMSZ5243BS-AU Datasheet
75Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Won-Top Electronics
MMSZ5243BS-T1 WTE-MMSZ5243BS-T1 Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - MMSZ5243BS-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com