Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5252BS-FL Datasheet(PDF) 6 Page - Formosa MS

Part # MMSZ5252BS-FL
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5252BS-FL Datasheet(HTML) 6 Page - Formosa MS

  MMSZ5252BS-FL Datasheet HTML 1Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 2Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 3Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 4Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 5Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 6Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 7Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 8Page - Formosa MS MMSZ5252BS-FL Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
B
0.022 (0.56)
A
0.032 (0.82)
C
0.069 (1.75)
PACKAGE
SOD-323FL
MMSZ5221BS-FL THRU MMSZ5267BS-FL
DS-221770
2011/07/12
-
A
9


Similar Part No. - MMSZ5252BS-FL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5252BS-7-F DIODES-MMSZ5252BS-7-F Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
Pan Jit International I...
MMSZ5252BS-AU PANJIT-MMSZ5252BS-AU Datasheet
75Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Won-Top Electronics
MMSZ5252BS-T1 WTE-MMSZ5252BS-T1 Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - MMSZ5252BS-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com