Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z160B Datasheet(PDF) 2 Page - Formosa MS

Part # Z160B
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z160B Datasheet(HTML) 2 Page - Formosa MS

  Z160B Datasheet HTML 1Page - Formosa MS Z160B Datasheet HTML 2Page - Formosa MS Z160B Datasheet HTML 3Page - Formosa MS Z160B Datasheet HTML 4Page - Formosa MS Z160B Datasheet HTML 5Page - Formosa MS Z160B Datasheet HTML 6Page - Formosa MS Z160B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Zener Diode
Features
Glass passivated chip junction.
Typical IR less than 0.5uA above 110V.
Standard zener voltage tolerance ±5%.
Low inductance.
Low profile package.
Built-in strain relief.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free part, ex.Z100B-H.
Package outline
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
.107(2.7)
.080(2.0)
DIA.
DIA.
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.20
1000
UNIT
V
mW
Storage temperature
Operating temperature
T
STG
T
J
-55
-65
+150
+175
oC
oC
o
Maximum ratings (at T =25 C unless otherwise noted)
A
Forward voltage
Power Dissipation
I = 200 mA
F
1000mW
Zener
Diodes - 100V-330V
Axial Lead
Mechanical data
Case : Molded plastic, DO-41
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight : Approximated 0.33 gram
Epoxy : UL94-V0 rated flame retardant
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222716
2008/02/10
2010/03/10
B
7
Z100B THRU Z330B


Similar Part No. - Z160B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z160 RECTRON-Z160 Datasheet
17Kb / 2P
   ZENER SILICON RETIFIER
logo
Formosa MS
Z160 FORMOSA-Z160 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
Z160 SEMTECH_ELEC-Z160 Datasheet
217Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
Z160 NJSEMI-Z160 Datasheet
94Kb / 1P
   PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
TDK Electronics
Z160-1.3-IEEE-U TDK-Z160-1.3-IEEE-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results

Similar Description - Z160B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com