Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ13B Datasheet(PDF) 3 Page - Formosa MS

Part # UDZ13B
Description  SMD Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ13B Datasheet(HTML) 3 Page - Formosa MS

  UDZ13B Datasheet HTML 1Page - Formosa MS UDZ13B Datasheet HTML 2Page - Formosa MS UDZ13B Datasheet HTML 3Page - Formosa MS UDZ13B Datasheet HTML 4Page - Formosa MS UDZ13B Datasheet HTML 5Page - Formosa MS UDZ13B Datasheet HTML 6Page - Formosa MS UDZ13B Datasheet HTML 7Page - Formosa MS UDZ13B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
Z@ I
ZT
ZT
Max.(V)
V@ I
ZZT
mA
I
ZK
I
R
Volts
V
R
Z@ I
ZK
ZK
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
80
110
60
100
60
100
40
100
30
30
30
30
30
30
37
42
65
85
100
120
150
200
250
300
92
22
A2
32
C2
62
E2
72
F2
82
H2
J2
L2
05
15
25
35
45
65
75
85
95
A5
C5
E5
F5
0.5
0.5
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
2.0
100
2.0
100
1.0
10.0
1.0
5.0
0.5
5.0
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.5
1.0
2.5
1.0
3.0
3.5
4.0
5.0
1.0
1.0
6.0
7.0
8.0
9.0
10.0
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
800
1000
500
1000
200
1000
100
1000
60
1000
60
60
60
60
60
80
80
80
80
100
100
120
150
200
250
300
Part No.
UDZ4.7B
UDZ2.4B
UDZ5.1B
UDZ2.7B
UDZ5.6B
UDZ3.6B
UDZ6.2B
UDZ3.9B
UDZ6.8B
UDZ4.3B
UDZ7.5B
UDZ8.2B
UDZ9.1B
UDZ10B
UDZ11B
UDZ12B
UDZ13B
UDZ15B
UDZ18B
UDZ20B
UDZ22B
UDZ24B
UDZ27B
UDZ30B
UDZ33B
UDZ36B
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Min.(V)
4.55
2.43
4.98
2.69
5.49
3.60
6.06
3.89
6.65
4.17
7.28
8.02
8.85
9.77
10.76
11.74
12.91
14.34
17.56
19.52
21.54
23.72
26.19
29.19
32.15
35.07
4.75
2.63
5.20
2.91
5.73
3.845
6.33
4.16
6.93
4.43
7.60
8.36
9.23
10.21
11.22
12.24
13.49
14.98
18.35
20.39
22.47
24.78
27.53
30.69
33.79
36.87
SMD Zener Diode
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
5
50
0.5
0.1
12.0
80
UDZ16B
15.85
16.51
55
Document ID
Issued Date
Revised Date
Revision
Page.
5
5
120
120
42
52
0.5
0.5
50.0
20.0
1.0
1.0
1000
1000
UDZ3.0B
UDZ3.3B
3.01
3.32
3.22
3.53
Note 1. The Zener voltage(Vz) is measured 40ms after power is supplied.
2. The operating resistances(Zzt, Zzk) are measured by superimposing a minute alternaring current on the regulated current(I ,I ).
ZT
ZK
Max
.()
Ω
Max
.()
ΩMax
.(uA)
UDZ2.4B THRU UDZ36B
DS-221736
2009/08/10
2014/02/26
C
8


Similar Part No. - UDZ13B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ13B ROHM-UDZ13B Datasheet
58Kb / 3P
   Zener diode
logo
Diodes Incorporated
UDZ13B DIODES-UDZ13B Datasheet
89Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 5 - 1
UDZ13B DIODES-UDZ13B Datasheet
358Kb / 3P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 10 - 2
UDZ13B DIODES-UDZ13B Datasheet
135Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
UDZ13B DIODES-UDZ13B Datasheet
206Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - UDZ13B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com