Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM5353B Datasheet(PDF) 4 Page - Formosa MS

Part # ZGFM5353B
Description  Chip Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM5353B Datasheet(HTML) 4 Page - Formosa MS

  ZGFM5353B Datasheet HTML 1Page - Formosa MS ZGFM5353B Datasheet HTML 2Page - Formosa MS ZGFM5353B Datasheet HTML 3Page - Formosa MS ZGFM5353B Datasheet HTML 4Page - Formosa MS ZGFM5353B Datasheet HTML 5Page - Formosa MS ZGFM5353B Datasheet HTML 6Page - Formosa MS ZGFM5353B Datasheet HTML 7Page - Formosa MS ZGFM5353B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
Rating and characteristic curves (ZGFM5341B THRU ZGFM5378B)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.1 POWER TEMPERATURE DERATING CURVE
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
T , LEAD TEMPERATURE, ( C)
L
O
FIG.2 TEMPERATURE COEFFICIENT-RANGE
FOR UNITS 10 TO 100 VOLTAGES
V , ZENER VOLTAGE, (V)
Z
Range
10
5
50
100
300
020
40
60
80
100
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121743
2009/08/10
2014/02/26
E
8


Similar Part No. - ZGFM5353B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0512C-MH PACELEADER-ZGFM0512C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM5353B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com