Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z30-110B Datasheet(PDF) 3 Page - Formosa MS

Part # Z30-110B
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z30-110B Datasheet(HTML) 3 Page - Formosa MS

  Z30-110B Datasheet HTML 1Page - Formosa MS Z30-110B Datasheet HTML 2Page - Formosa MS Z30-110B Datasheet HTML 3Page - Formosa MS Z30-110B Datasheet HTML 4Page - Formosa MS Z30-110B Datasheet HTML 5Page - Formosa MS Z30-110B Datasheet HTML 6Page - Formosa MS Z30-110B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Note : 5% tolerance of Zener voltage
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Marking
code
Zener
impedance
Leakage
current
Z
@ I
ZT
ZT
I
ZK
I
R
Volts
V
R
Z
@ I
ZK
ZK
6.0
4.0
7.0
4.5
8.0
4.5
9.0
5.5
10.0
5.5
16.0
22.0
28.0
33.0
38.0
50.0
55.0
70.0
85.0
95.0
750
750
850
1200
1300
1500
2200
2500
2500
5000
5000
5000
Z30-18B
Z30-11B
Z30-20B
Z30-12B
Z30-22B
Z30-13B
Z30-24B
Z30-15B
Z30-27B
Z30-16B
Z30-30B
Z30-36B
Z30-39B
Z30-43B
Z30-47B
Z30-56B
Z30-62B
Z30-68B
Z30-75B
Z30-82B
Z30-100B
Z30-110B
Z30-120B
Z30-140B
Z30-150B
Z30-160B
Z30-180B
Z30-190B
Z30-200B
Z30-210B
Z30-220B
Z30-230B
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
1.0
0.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
13.7
8.4
15.2
9.1
16.7
9.9
11.4
12.2
18.2
20.6
22.5
27.4
29.7
32.7
35.8
42.6
47.1
51.7
56.0
62.2
75
80
90
105
110
120
140
150
165
165
170
175
750
700
750
700
750
700
750
700
750
700
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
5000
5000
5000
5000
5000
5000
5000
5000
8000
9000
9000
9000
Part No.
Z30-18B
Z30-11B
Z30-20B
Z30-12B
Z30-22B
Z30-13B
Z30-24B
Z30-15B
Z30-27B
Z30-16B
Z30-30B
Z30-36B
Z30-39B
Z30-43B
Z30-47B
Z30-56B
Z30-62B
Z30-68B
Z30-75B
Z30-82B
Z30-100B
Z30-110B
Z30-120B
Z30-140B
Z30-150B
Z30-160B
Z30-180B
Z30-190B
Z30-200B
Z30-210B
Z30-220B
Z30-230B
16
11
18
12
20
22
13
24
15
27
30
36
39
43
47
56
62
68
75
82
100
110
120
140
150
160
180
200
210
220
230
190
115
Z30-91B
0.25
0.5
69.2
3000
Z30-91B
91
750
Z30-115B
0.25
0.5
85
5000
Z30-115B
115
1000
Z30-130B
0.25
0.5
95
5000
Z30-130B
130
5000
5000
5000
Z30-240B
Z30-250B
Z30-260B
0.25
0.25
0.25
0.5
0.5
0.5
180
190
195
9000
9000
9000
Z30-240B
Z30-250B
Z30-260B
240
250
260
5000
5000
5000
Z30-270B
Z30-280B
Z30-290B
0.25
0.25
0.25
0.5
0.5
0.5
200
210
215
9000
9000
9000
Z30-270B
Z30-280B
Z30-290B
270
280
290
5000
5000
Z30-300B
Z30-310B
0.25
0.25
0.5
0.5
220
225
9000
9500
Z30-300B
Z30-310B
300
310
2200
Z30-170B
0.25
0.5
130
5000
Z30-170B
170
20.0
Z30-33B
0.25
0.5
25.1
1000
Z30-33B
33
45.0
Z30-51B
0.25
0.5
38.8
1500
Z30-51B
51
5000
5000
Z30-320B
Z30-330B
0.25
0.25
0.5
0.5
233
240
9500
9500
Z30-320B
Z30-330B
320
330
mA
47
68
42
63
37
34
58
31
50
28
25
21
19
17
16
13
12
11
10
9.1
5
5
5
5
5
5
5
5
5
5
5
5
8.2
5
5
5
5
5
5
5
5
5
5
5
23
15
5
5
Test
current
I
ZT
mA
(uA)Max
(Ω)Max
(Ω)Max
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
DS-222719
2008/02/10
2010/03/10
B
7
Zener
voltage
Max.
Nom.
V @ I
(Volts)
Z
ZT
Min.
15.20
10.45
17.10
11.40
19.00
20.90
12.35
22.80
14.25
25.65
28.50
34.20
37.05
40.85
44.65
53.20
58.90
64.60
71.25
77.90
95.00
104.5
114.0
133.0
142.5
152.0
171.0
190.0
199.5
209.0
218.5
180.5
86.45
109.3
123.5
228.0
237.5
247.0
256.5
266.0
275.5
285.0
294.5
161.5
31.35
48.45
304.0
313.5
16.80
11.55
18.90
12.60
21.00
23.10
13.65
25.20
15.75
28.35
31.50
37.80
40.95
45.15
49.35
58.80
65.10
71.40
78.75
86.10
105.0
115.5
126.0
147.0
157.5
168.0
189.0
210.0
220.5
231.0
241.5
199.5
95.55
120.8
136.5
252.0
262.5
273.0
283.5
294.0
304.5
315.0
325.5
178.5
34.65
53.55
336.0
346.5


Similar Part No. - Z30-110B

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
Z30-10-4-75++ MINI-Z30-10-4-75+ Datasheet
95Kb / 1P
   Coaxial Directional Coupler
Z30-13-5-75 MINI-Z30-13-5-75 Datasheet
77Kb / 1P
   Directional Coupler 75??5 to 1500 MHz
Z30-16-5-75 MINI-Z30-16-5-75 Datasheet
76Kb / 1P
   Directional Coupler 75??5 to 1500 MHz
More results

Similar Description - Z30-110B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com