Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFC Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AFC
Description  AC-DC Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFC Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AFC_16 Datasheet HTML 1Page - Arch Electronics Corp. AFC_16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : D_3
update : 2015.010.06
AC-DC Power Module
AFC SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's recommended to add Varistor 14S471K at L / N input side in parallel.
3. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
BLOCK DIAGRAM
MECHANICAL DIMENSION
( Top View )
DERATING
PIN#
Single
1
AC IN (N)
2
AC IN (L)
3
+DC OUT
4
-DC OUT
Maximum Torque 12{1.21} (kgf.cm{N.m})


Similar Part No. - AFC_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AFC-12S ASTRODYNE-AFC-12S Datasheet
514Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
Arch Electronics Corp.
AFC-12S ARCH-AFC-12S Datasheet
495Kb / 5P
   AC-DC Power Module
logo
Astrodyne Corporation
AFC-12S ASTRODYNE-AFC-12S Datasheet
187Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
Arch Electronics Corp.
AFC-12S-DN ARCH-AFC-12S-DN Datasheet
197Kb / 2P
   AC-DC Switching Power Supply
AFC-12S-E1 ARCH-AFC-12S-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
More results

Similar Description - AFC_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
   AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
   AC-DC Power Module
AFC25 ARCH-AFC25 Datasheet
182Kb / 2P
   AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
   AC-DC Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com