Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ3.3B Datasheet(PDF) 8 Page - Formosa MS

Part # UDZ3.3B
Description  SMD Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ3.3B Datasheet(HTML) 8 Page - Formosa MS

  UDZ3.3B Datasheet HTML 1Page - Formosa MS UDZ3.3B Datasheet HTML 2Page - Formosa MS UDZ3.3B Datasheet HTML 3Page - Formosa MS UDZ3.3B Datasheet HTML 4Page - Formosa MS UDZ3.3B Datasheet HTML 5Page - Formosa MS UDZ3.3B Datasheet HTML 6Page - Formosa MS UDZ3.3B Datasheet HTML 7Page - Formosa MS UDZ3.3B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Pressure Cooker
5. Temperature Cycling
6. Humidity
7. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16" 1/32"
at 245 5
for 5 sec.
V =80% rate at T =150
for 168 hrs.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±
±C
C
C
CC
C
C
O
O
O
O
OO
O
O
RJ
SIG
A
A
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
UDZ2.4B THRU UDZ36B
DS-221736
2009/08/10
2014/02/26
C
8


Similar Part No. - UDZ3.3B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ3.3B ROHM-UDZ3.3B Datasheet
58Kb / 3P
   Zener diode
logo
Formosa MS
UDZ3.3B-FL FORMOSA-UDZ3.3B-FL Datasheet
97Kb / 8P
   SMD Zener Diode
More results

Similar Description - UDZ3.3B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com