Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z30-160B Datasheet(PDF) 1 Page - Formosa MS

Part # Z30-160B
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z30-160B Datasheet(HTML) 1 Page - Formosa MS

  Z30-160B Datasheet HTML 1Page - Formosa MS Z30-160B Datasheet HTML 2Page - Formosa MS Z30-160B Datasheet HTML 3Page - Formosa MS Z30-160B Datasheet HTML 4Page - Formosa MS Z30-160B Datasheet HTML 5Page - Formosa MS Z30-160B Datasheet HTML 6Page - Formosa MS Z30-160B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
Formosa MS
Zener Diode
Z30-11B THRU Z30-330B
1
2
2
2
2
3
4
5
5
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings ..............................................................................
Electrical characteristics....................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Taping & bulk specifications for AXIAL devices....................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222719
2008/02/10
2010/03/10
B
7
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - Z30-160B

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
Z30-16-5-75 MINI-Z30-16-5-75 Datasheet
76Kb / 1P
   Directional Coupler 75??5 to 1500 MHz
More results

Similar Description - Z30-160B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com