Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM5364B Datasheet(PDF) 6 Page - Formosa MS

Part # ZGFM5364B
Description  Chip Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM5364B Datasheet(HTML) 6 Page - Formosa MS

  ZGFM5364B Datasheet HTML 1Page - Formosa MS ZGFM5364B Datasheet HTML 2Page - Formosa MS ZGFM5364B Datasheet HTML 3Page - Formosa MS ZGFM5364B Datasheet HTML 4Page - Formosa MS ZGFM5364B Datasheet HTML 5Page - Formosa MS ZGFM5364B Datasheet HTML 6Page - Formosa MS ZGFM5364B Datasheet HTML 7Page - Formosa MS ZGFM5364B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Formosa MS
Chip Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Item
Tolerance
SMC
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330.00
178.00
50.00
62.00
13.00
1.75
5.50
8.00
4.00
2.00
0.23
12.00
18.00
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
5.10
7.20
2.50
Document ID
Issued Date
Revised Date
Revision
Page.
ZGFM5341B THRU ZGFM5378B
DS-121743
2009/08/10
2014/02/26
E
8


Similar Part No. - ZGFM5364B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0512C-MH PACELEADER-ZGFM0512C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM5364B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com