Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM1043B-M Datasheet(PDF) 8 Page - Formosa MS

Part # ZGFM1043B-M
Description  Chip Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM1043B-M Datasheet(HTML) 8 Page - Formosa MS

  ZGFM1043B-M Datasheet HTML 1Page - Formosa MS ZGFM1043B-M Datasheet HTML 2Page - Formosa MS ZGFM1043B-M Datasheet HTML 3Page - Formosa MS ZGFM1043B-M Datasheet HTML 4Page - Formosa MS ZGFM1043B-M Datasheet HTML 5Page - Formosa MS ZGFM1043B-M Datasheet HTML 6Page - Formosa MS ZGFM1043B-M Datasheet HTML 7Page - Formosa MS ZGFM1043B-M Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
High reliability test capabilities
ZGFM103V3B-M THRU ZGFM10330B-M
DS-121708
2008/02/10
2012/10/12
G
8
Chip Zener Diode
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Pressure Cooker
5. Temperature Cycling
6. Humidity
7. High Temperature Storage Life
at 260 5
for 10 2sec.
at 245 5
for 5 sec.
V =
80% at T =150
for 168 hrs.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±C
V Nom*
C
C
CC
C
C
O
O
O
O
OO
O
O
ZJ
SIG
A
A
Z
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference


Similar Part No. - ZGFM1043B-M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM1043-M PACELEADER-ZGFM1043-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM1043B-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com