Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AIC
Description  A C -D C Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AIC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AIC_16 Datasheet HTML 1Page - Arch Electronics Corp. AIC_16 Datasheet HTML 2Page - Arch Electronics Corp. AIC_16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : C_7
update : 2015.11.27
AC-DC Power Module
AIC SERIES
3 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
AIC-3.3S
AIC-5S
AIC-9S
AIC-12S
AIC-15S
AIC-24S
Max Output Wattage (W)
2.97W
3W
3W
3W
3W
3W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
75 mA max. (115 VAC) / 55 mA max. (230 VAC)
Inrush Current (<500us)
20 A max. (115 VAC) / 50 A max. (230 VAC)
Leakage Current
0.25 mA max.
Input
External Fuse (recommend)
3.15 A slow blow type
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Voltage Accuracy
±10%
Current (mA) max
900
600
333
250
200
125
Line Regulation (LL-HL) (typ.)
±5%
±2%
Load Regulation (0-100%) (typ.)
±5%
±2%
Minimum Load
0%
Maximum Capacitive Load (at 230VAC)
14000uF
8000uF
3200uF
1500uF
1000uF
470uF
Ripple & Noise (Vp-p) max
<250mV
<200mV
<150mV
<100mV
Efficiency
69%
71%
76%
76%
76%
77%
Output
Hold-up Time
15 ms min.
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3750V
Operating Temperature
-40°C…+85°C ( with derating )
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>650,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.41x 0.75 x 0.86 Inches ( 35.7 x 19.0 x 22.0 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
26 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL, cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-63 Hz
Low Ripple and Noise
Isolation Class II
Maximum No-Load Watts < 0.3W
CE , UL Approval
3-Year Product Warranty
A Type
B Type


Similar Part No. - AIC_16

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
   1.5A Single Channel USB Switch
AIC6166 AIC-AIC6166 Datasheet
854Kb / 11P
   Regulatory USB High-Side Power Switch
More results

Similar Description - AIC_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
logo
Tyco Electronics
2-1419136-2 MACOM-2-1419136-2 Datasheet
398Kb / 3P
   Power Relay RM C/D
logo
Wurth Elektronik GmbH &...
178946001 WURTH-178946001 Datasheet
5Mb / 4P
   MagI³C Power Module Evaluation Board
Version 2.0
logo
Powerbox
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
logo
Powerbox
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com