Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM1047B-M Datasheet(PDF) 5 Page - Formosa MS

Part # ZGFM1047B-M
Description  Chip Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM1047B-M Datasheet(HTML) 5 Page - Formosa MS

  ZGFM1047B-M Datasheet HTML 1Page - Formosa MS ZGFM1047B-M Datasheet HTML 2Page - Formosa MS ZGFM1047B-M Datasheet HTML 3Page - Formosa MS ZGFM1047B-M Datasheet HTML 4Page - Formosa MS ZGFM1047B-M Datasheet HTML 5Page - Formosa MS ZGFM1047B-M Datasheet HTML 6Page - Formosa MS ZGFM1047B-M Datasheet HTML 7Page - Formosa MS ZGFM1047B-M Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Page 5
2
1
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.055 (1.40)
A
0.075 (1.90)
C
0.075 (1.90)
PACKAGE
SOD-123
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
ZGFM103V3B-M THRU ZGFM10330B-M
DS-121708
2008/02/10
2012/10/12
G
8
Chip Zener Diode


Similar Part No. - ZGFM1047B-M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM1047-M PACELEADER-ZGFM1047-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM1047B-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com