Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKC-3.3S Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AKC-3.3S
Description  AC-DC Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AKC-3.3S Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AKC-3.3S Datasheet HTML 1Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 2Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 3Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VER : C_2
update : 2016.07.28
AC-DC Power Module
AKC SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
SCREW TERMINAL
AKC-A2
PIN#
Single
Dual
Triple
1
FG
FG
FG
2
AC IN (N)
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
AC IN (L)
4
NO CONNECT
NO CONNECT
-DC OUT
5
-DC OUT
-DC OUT
COMMON
6
NO CONNECT
COMMON
+DC OUT
7
+DC OUT
+DC OUT
+5V RTN
8
NO CONNECT
NO CONNECT
+5V OUT


Similar Part No. - AKC-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AKC-3.3S ARCH-AKC-3.3S Datasheet
392Kb / 5P
   AC-DC Power Module
More results

Similar Description - AKC-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
   AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
   AC-DC Power Module
AFC25 ARCH-AFC25 Datasheet
182Kb / 2P
   AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
   AC-DC Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com