Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z20-220B Datasheet(PDF) 8 Page - Formosa MS

Part # Z20-220B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z20-220B Datasheet(HTML) 8 Page - Formosa MS

  Z20-220B Datasheet HTML 1Page - Formosa MS Z20-220B Datasheet HTML 2Page - Formosa MS Z20-220B Datasheet HTML 3Page - Formosa MS Z20-220B Datasheet HTML 4Page - Formosa MS Z20-220B Datasheet HTML 5Page - Formosa MS Z20-220B Datasheet HTML 6Page - Formosa MS Z20-220B Datasheet HTML 7Page - Formosa MS Z20-220B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. Pull Test
4. Bend Lead
5. High Temperature Reverse Bias
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Humidity
10. High Temperature Storage Life
at 260±5
for 10±2sec.
immerse body into solder 1/16"±1/32"
o
at 245±5 C for 5 sec.
1kg in axial lead direction for 10 sec.
1kg weight applied to each lead bending
o
o
arc 90 ±5 for 3 times.
o
V=VZ rate at T =150 C for 168 hrs.
J
o
15P
at T =121 C for 4 hrs.
SIG
A
o
o
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
o
o
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
o
at T =85 C, RH=85% for 1000hrs.
A
o
at 175 C for 1000 hrs.
oC
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-2036
MIL-STD-750D
METHOD-2036
MIL-STD-750D
METHOD-1026
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Zener Diode
Z20-11B THRU Z20-330B
DS-222745
2009/08/10
2010/06/10
B
8


Similar Part No. - Z20-220B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
Z20-20-IEEE-U TDK-Z20-20-IEEE-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-20-IS420-U TDK-Z20-20-IS420-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-20-IS510-U TDK-Z20-20-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-20-L-U TDK-Z20-20-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-20-LAN-L-U TDK-Z20-20-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results

Similar Description - Z20-220B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com