Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALF100 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ALF100
Description  LED Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ALF100_16 Datasheet HTML 1Page - Arch Electronics Corp. ALF100_16 Datasheet HTML 2Page - Arch Electronics Corp. ALF100_16 Datasheet HTML 3Page - Arch Electronics Corp. ALF100_16 Datasheet HTML 4Page - Arch Electronics Corp. ALF100_16 Datasheet HTML 5Page - Arch Electronics Corp. ALF100_16 Datasheet HTML 6Page - Arch Electronics Corp. ALF100_16 Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VER : D_2
update : 2015.09.04
LED Power
ALF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
ALF100-12S
ALF100-24S
ALF100-36S
ALF100-48S
ALF100-54S
Max Output Wattage
(W)
100W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
1.5 A max. (115 VAC) / 0.7 A max. (230 VAC) / 0.6 A max. (277 VAC)
Inrush Current (<2ms)
40 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
<0.75 mA max.
Input
Power Factor
PF>0.97 (115 VAC) / PF>0.9 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
36V
48V
54V
Constant Current Range (V.DC.)
6~12V
12~24V
18~36V
24~48V
27~54V
Voltage Accuracy
±2%
Current (Convection) (mA) max
8333
4166
2777
2083
1852
Current ADJ Range (mA)
833 ~ 8333
416 ~ 4166
277 ~2777
208 ~ 2083
185 ~ 1852
Voltage ADJ Range (V.DC.)
(for IP65 Design)
10.8~13.2V
21.6~26.4V
32.4~38.5V
43.2~50.4V
48.6~55.5V
Line Regulation
±1%
Load Regulation
±1%
Maximum Capacitive Load
100,000 uF
50,000 uF
8,000 uF
4,000 uF
3,000 uF
Ripple & Noise (max.)
100mVp-p
100mVp-p
100mVp-p
200mVp-p
200mVp-p
Efficiency (typ.)
89%
91.5%
91.5%
91.5%
91.5%
Output
Hold-up Time
25 ms min.
Safety
Agency Approvals
UL 8750、EN61347-1:2008、 EN61347-2-13:2006
EMI
(Conducted & Radiated Emission)
EN 55015、Class B
EMS (Noise Immunity)
EN 61547
EMC
Surge
IP65 Design :1KV L-N, 2KV L N-FG
/
IP67 Design :2KV L-N, 4KV L N-FG
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Overt Temperature Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
KEY FEATURES
 IP65/67 Design for Indoor or LED Outdoor Installations
 Universal Input: 90-305 VAC or 120-430 VDC
 Bulit-in Active PFC Function
 Free Air Convection
 High Reliability
 With Constant Current & Constant Voltage
 Output Voltage and Constant Current Level can Be
Adjusted Through Internal Potentiometer
 LED Power Application
 3-Year Product Warranty


Similar Part No. - ALF100_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF100-12S ARCH-ALF100-12S Datasheet
332Kb / 5P
   LED Power
More results

Similar Description - ALF100_16

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com