Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM30200B Datasheet(PDF) 2 Page - Formosa MS

Part # ZGFM30200B
Description  Chip Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM30200B Datasheet(HTML) 2 Page - Formosa MS

  ZGFM30200B Datasheet HTML 1Page - Formosa MS ZGFM30200B Datasheet HTML 2Page - Formosa MS ZGFM30200B Datasheet HTML 3Page - Formosa MS ZGFM30200B Datasheet HTML 4Page - Formosa MS ZGFM30200B Datasheet HTML 5Page - Formosa MS ZGFM30200B Datasheet HTML 6Page - Formosa MS ZGFM30200B Datasheet HTML 7Page - Formosa MS ZGFM30200B Datasheet HTML 8Page - Formosa MS ZGFM30200B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Package outline
Page 2
3.0W Surface Mount Zener
Diodes - 6.8V-200V
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.20
3.0
UNIT
V
W
Storage temperature range
Operating junction temperature range
T
STG
T
J
-55
-65
+150
+175
oC
oC
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Forward voltage
Power dissipation
I = 200 mA
F
Formosa MS
Chip Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.09 gram
DO-214AA / SMB
Approximated
0.213(5.4)
0.197(5.0)
0.016(0.4) Typ.
0.142(3.6)
0.126(3.2)
0.075(1.9)
0.067(1.7)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMB
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Glass passivated chip junction.
Standard zener voltage tolerance ±5%.
Low inductance.
Low profile package.
Built-in strain relief.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
Suffix "-H" indicates Halogen-free part, ex.ZGFM306V8B-H.
Document ID
Issued Date
Revised Date
Revision
Page.
ZGFM306V8B THRU ZGFM30200B
T=50 C
L
°
Thermal Characteristics
PARAMETER
Symbol
UNIT
Limit
°C/W
Typical thermal resistance junction to ambient
R
θJA
85
DS-121741
2009/08/10
2011/07/01
D
9
Note
1 Mounted on FR-4 PCB
:.


Similar Part No. - ZGFM30200B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0512C-MH PACELEADER-ZGFM0512C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM30200B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com