Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM5377B Datasheet(PDF) 3 Page - Formosa MS

Part # ZGFM5377B
Description  Chip Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM5377B Datasheet(HTML) 3 Page - Formosa MS

  ZGFM5377B Datasheet HTML 1Page - Formosa MS ZGFM5377B Datasheet HTML 2Page - Formosa MS ZGFM5377B Datasheet HTML 3Page - Formosa MS ZGFM5377B Datasheet HTML 4Page - Formosa MS ZGFM5377B Datasheet HTML 5Page - Formosa MS ZGFM5377B Datasheet HTML 6Page - Formosa MS ZGFM5377B Datasheet HTML 7Page - Formosa MS ZGFM5377B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
Z@ I
ZT
ZT
Max.
I
ZK
I
R
Volts
V
R
Z@ I
ZK
ZK
6.51
7.14
7.88
8.61
9.14
9.56
10.50
11.55
12.60
13.65
14.70
15.75
16.80
17.85
18.90
19.95
21.00
23.10
25.20
200.0
175.0
175.0
150.0
150.0
150.0
125.0
125.0
100.0
100.0
100.0
75.0
75.0
70.0
65.0
65.0
65.0
50.0
50.0
1
1
1.5
1.5
2
2
2
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
3
3
3.5
3.5
5341
5342
5343
5344
5345
5346
5347
5348
5349
5350
5351
5352
5353
5354
5355
5356
5357
5358
5359
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
10.0
10.0
10.0
10.0
10.0
7.5
5.0
5.0
2.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
3.0
5.2
5.7
6.2
6.6
6.9
7.6
8.4
9.1
9.9
10.6
11.5
12.2
12.9
13.7
14.4
15.2
16.7
18.2
200
200
200
200
200
150
125
125
125
100
75
75
75
75
75
75
75
75
100
Part No.
ZGFM5341B
ZGFM5342B
ZGFM5343B
ZGFM5344B
ZGFM5345B
ZGFM5346B
ZGFM5347B
ZGFM5348B
ZGFM5349B
ZGFM5350B
ZGFM5351B
ZGFM5352B
ZGFM5353B
ZGFM5354B
ZGFM5355B
ZGFM5356B
ZGFM5357B
ZGFM5358B
ZGFM5359B
26.25
28.35
29.40
31.50
34.65
37.80
50.0
50.0
50.0
40.0
40.0
30.0
4
5
6
8
10
11
5360
5361
5362
5363
5364
5365
1.00
1.00
1.00
1.00
1.00
1.00
0.5
0.5
0.5
0.5
0.5
0.5
19.0
20.6
21.2
22.8
25.1
27.4
110
120
130
140
150
160
ZGFM5360B
ZGFM5361B
ZGFM5362B
ZGFM5363B
ZGFM5364B
ZGFM5365B
40.95
45.15
49.35
53.55
30.0
30.0
25.0
25.0
14
20
25
27
5366
5367
5368
5369
1.00
1.00
1.00
1.00
0.5
0.5
0.5
0.5
29.7
32.7
35.8
38.8
170
190
210
230
ZGFM5366B
ZGFM5367B
ZGFM5368B
ZGFM5369B
Nom.
V@ I
ZZT(Volts)
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
Min.
5.89
6.46
7.13
7.79
8.27
8.65
9.50
10.45
11.4
12.35
13.30
14.25
15.20
16.15
17.10
18.05
19.00
20.90
22.80
23.75
25.65
26.60
28.50
31.35
34.20
37.05
40.85
44.65
48.45
58.80
20.0
35
5370
1.00
0.5
42.6
280
ZGFM5370B
56
53.20
63.00
20.0
40
5371
1.00
0.5
45.5
350
ZGFM5371B
60
57.00
65.10
20.0
42
5372
1.00
0.5
47.1
400
ZGFM5372B
62
58.90
71.40
20.0
44
5373
1.00
0.5
51.7
500
ZGFM5373B
68
64.60
78.75
20.0
45
5374
1.00
0.5
56.0
620
ZGFM5374B
75
71.25
86.10
15.0
65
5375
1.00
0.5
62.2
720
ZGFM5375B
82
77.90
91.35
15.0
75
5376
1.00
0.5
66.0
760
ZGFM5376B
87
82.65
95.55
15.0
75
5377
1.00
0.5
69.2
760
ZGFM5377B
91
86.45
105.0
12.0
90
5378
1.00
0.5
76.0
800
ZGFM5378B
100
95.00
0.5
Document ID
Issued Date
Revised Date
Revision
Page.
Note : 5% tolerance of Zener voltage
mA
(uA)Max
(Ω)Max
(Ω)Max
Formosa MS
Chip Zener Diode
ZGFM5341B THRU ZGFM5378B
DS-121743
2009/08/10
2014/02/26
E
8


Similar Part No. - ZGFM5377B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0512C-MH PACELEADER-ZGFM0512C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM5377B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com