Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-5L55M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK11C68-5L55M
Description  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-5L55M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK11C68-5L55M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-5L55M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK11C68-M
4-34
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
SYMBOLS
STK11C68-35M
STK11C68-45M
STK11C68-55M
NO.
PARAMETER
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
NO.
PARAMETER
UNITS
WRITE CYCLES #1 & #2; G low
SYMBOLS
STK11C68-35M
STK11C68-45M
STK11C68-55M
12
tAVAV
tAVAV
tWC
Write Cycle Time
35
45
55
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
30
35
45
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
30
35
45
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
18
20
30
ns
16
t
WHDX
t
EHDX
t
DH
Data Hold After End of Write
0
0
0
ns
17
t
AVWH
t
AVEH
t
AW
Address Set-up to End of Write
30
35
45
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold After End of Write
0
0
0
ns
WRITE CYCLES #1 & #2; G high
(VCC = 5.0V ± 10%)
12
t
AVAV
t
AVAV
t
WC
Write Cycle Time
45
45
55
ns
13
t
WLWH
t
WLEH
t
WP
Write Pulse Width
35
35
45
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
35
35
45
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
30
30
30
ns
16
tWHDX
tEHDX
tDH
Data Hold After End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
35
35
45
ns
18
t
AVWL
t
AVEL
t
AS
Address Set-up to Start of Write
0
0
0
ns
19
t
WHAX
t
EHAX
t
WR
Address Hold After End of Write
0
0
0
ns
20
tWLQZ
i,m
tWZ
Write Enable to Output Disable
35
35
35
ns
21
tWHQX
tOW
Output Active After End of Write
5
5
5
ns
Note i:
Measured + 200mV from steady state output voltage.
Note k:
E or W must be
≥ V
IH during address transitions.
Note m:
If W is low when E goes low, the outputs remain in the high impedance state.
(VCC = 5.0V ± 10%)


Similar Part No. - STK11C68-5L55M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-5L55M CYPRESS-STK11C68-5L55M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68-5L55M

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com