Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APF100-54S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # APF100-54S
Description  Fully Isolated Plastic Case with IP67 Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APF100-54S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  APF100-54S Datasheet HTML 1Page - Arch Electronics Corp. APF100-54S Datasheet HTML 2Page - Arch Electronics Corp. APF100-54S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
VER : B_2
update : 2015.09.04
LED Power
APF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
APF100-12S
APF100-24S
APF100-36S
APF100-48S
APF100-54S
Max Output Wattage
(W)
100W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
1.5 A max. (115 VAC) / 0.7 A max. (230 VAC) / 0.6 A max. (277 VAC)
Inrush Current (<2ms)
40 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
<0.75 mA max.
Input
Power Factor
PF>0.97 (115 VAC) / PF>0.95 (230 VAC) / PF>0.9 (277 VAC) at Full Load
Voltage (V.DC.)
12V
24V
36V
48V
54V
Constant Current Range (V.DC.)
6 ~ 12V
12 ~ 24V
18 ~ 36V
24 ~ 48V
27 ~ 54V
Voltage Accuracy
±2%
Current (Convection) (mA) max
8333
4166
2777
2083
1852
Current ADJ Range (mA)
833 ~ 8333
416 ~ 4166
277 ~2777
208 ~ 2083
185 ~ 1852
Line Regulation
±1%
Load Regulation
±1%
Maximum Capacitive Load
100,000 uF
50,000 uF
8,000 uF
4,000 uF
3,000 uF
Ripple & Noise (max.)
100mVp-p
100mVp-p
100mVp-p
200mVp-p
200mVp-p
Efficiency (typ.)
89%
91.5%
91.5%
91.5%
91.5%
Output
Hold-up Time
25 ms min.
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Overt Temperature Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-30°C…+60°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>75,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
5.67 x 2.76 x 1.48 Inches
( 144.0 x 70.0 x 37.5 mm ) Tolerance
2mm
Weight
660 g ±15%
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
EN61347-1:2008、 EN61347-2-13:2006
EMI
(Conducted & Radiated Emission)
EN 55015
EMS (Noise Immunity)
EN 61547
EMC
Surge
2KV L-N
KEY FEATURES
 Fully Isolated Plastic Case with IP67 Level
 Universal Input: 90-305 VAC or 120-430 VDC
 Bulit-in Active PFC Function
 Free Air Convection
 High Reliability
 Isolation Class II
 LED Power Application
 3-Year Product Warranty


Similar Part No. - APF100-54S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
APF100-54S ARCH-APF100-54S Datasheet
271Kb / 2P
   LED Power
More results

Similar Description - APF100-54S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF75 ARCH-PSF75_16 Datasheet
277Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
APF150 ARCH-APF150_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
PLF60_SERIES ARCH-PLF60_SERIES Datasheet
310Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30_SERIES ARCH-PLF30_SERIES Datasheet
306Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF100 ARCH-PSF100_16 Datasheet
281Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30 ARCH-PLF30_16 Datasheet
243Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF60 ARCH-PLF60_16 Datasheet
239Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com