Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APF150-54S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # APF150-54S
Description  Fully Isolated Plastic Case with IP67 Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APF150-54S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  APF150-54S Datasheet HTML 1Page - Arch Electronics Corp. APF150-54S Datasheet HTML 2Page - Arch Electronics Corp. APF150-54S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.
VER : B_2
update : 2015.09.04
LED Power
APF150 SERIES
150 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
DIMMING OPERATION
Output constant current level can be adjusted through output cable by connecting a
3~10Vdc or 10V PWM signal between DIM+ and DIM-
I.
3~10V dimming function for output current adjustment (typ.)
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
3V
4V
5V
6V
7V
8V
9V
10V
DIM (V)
Io
(%)
II.
10V PWM signal for output current adjustment (typ.) : Frequency range:100Hz~3KHz
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
110.0%
30%
40%
50%
60%
70%
80%
90%
100%
DIM(PWM)
Io
(%)


Similar Part No. - APF150-54S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
APF150-54S ARCH-APF150-54S Datasheet
271Kb / 2P
   LED Power
More results

Similar Description - APF150-54S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF75 ARCH-PSF75_16 Datasheet
277Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
APF100 ARCH-APF100_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
PLF60_SERIES ARCH-PLF60_SERIES Datasheet
310Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30_SERIES ARCH-PLF30_SERIES Datasheet
306Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF100 ARCH-PSF100_16 Datasheet
281Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30 ARCH-PLF30_16 Datasheet
243Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF60 ARCH-PLF60_16 Datasheet
239Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com