Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF120O-15S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AQF120O-15S
Description  Open Frame Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF120O-15S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AQF120O-15S Datasheet HTML 1Page - Arch Electronics Corp. AQF120O-15S Datasheet HTML 2Page - Arch Electronics Corp. AQF120O-15S Datasheet HTML 3Page - Arch Electronics Corp. AQF120O-15S Datasheet HTML 4Page - Arch Electronics Corp. AQF120O-15S Datasheet HTML 5Page - Arch Electronics Corp. AQF120O-15S Datasheet HTML 6Page - Arch Electronics Corp. AQF120O-15S Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VER : C_5
update : 2015.11.17
AC-DC Switching Power Supply
AQF120O SERIES
180 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Hold-up Time measured at 90% Vout.
3. Strongly recommend to conduct this test with DC Voltage. If customer wishes to test with AC Voltage,
please disconnect all Y-Capacitors within Arch power supply.
DERATING
BLOCK DIAGRAM


Similar Part No. - AQF120O-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120O-15S ARCH-AQF120O-15S Datasheet
297Kb / 6P
   AC-DC Switching Power Supply
More results

Similar Description - AQF120O-15S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
   Open Frame Switching Power Supply
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
VPT-45B CUI-VPT-45B Datasheet
78Kb / 2P
   Open Frame Switching Power Supply
VPD-2505 CUI-VPD-2505 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
logo
List of Unclassifed Man...
VSUU-120-D285 ETC1-VSUU-120-D285 Datasheet
254Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O_16 Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
AQF120O_SERIES ARCH-AQF120O_SERIES Datasheet
350Kb / 5P
   Open Frame Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com