Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF360U Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # AQF360U
Description  AC-DC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF360U Datasheet(HTML) 5 Page - Arch Electronics Corp.

  AQF360U_16 Datasheet HTML 1Page - Arch Electronics Corp. AQF360U_16 Datasheet HTML 2Page - Arch Electronics Corp. AQF360U_16 Datasheet HTML 3Page - Arch Electronics Corp. AQF360U_16 Datasheet HTML 4Page - Arch Electronics Corp. AQF360U_16 Datasheet HTML 5Page - Arch Electronics Corp. AQF360U_16 Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VER : C_6
update : 2015.11.16
AC-DC Switching Power Supply
AQF360U SERIES
360 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
AQF360U-36S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
89.04
91.17
93.06
93.64
93.93
Load (%)
0
10
20
30
40
50
115V (%)
0
80.96
86.76
89.39
90.51
91.01
230V (%)
0
85.51
90.25
92.24
92.82
93.39
Load (%)
60
70
80
90
100
115V (%)
91.21
91.36
91.37
91.31
91.17
230V (%)
93.46
93.68
93.76
93.68
93.64
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
AQF360U-48S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
89.75
91.89
93.79
94.36
94.67
Load (%)
0
10
20
30
40
50
115V (%)
0
86.43
89.33
9143
92.17
92.58
230V (%)
0
8680
90.87
92.74
93.47
94.02
Load (%)
60
70
80
90
100
115V (%)
92.58
93.00
92.38
92.18
91.89
230V (%)
94.02
94.23
94.24
94.40
94.36
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - AQF360U_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF360U-12S ARCH-AQF360U-12S Datasheet
345Kb / 5P
   AC-DC Switching Power Supply
AQF360U-12S ARCH-AQF360U-12S Datasheet
353Kb / 6P
   AC-DC Switching Power Supply
AQF360U ARCH-AQF360U_12 Datasheet
353Kb / 6P
   AC-DC Switching Power Supply
More results

Similar Description - AQF360U_16

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com