Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51116PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116PWP
Description  Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS51116PWP Datasheet HTML 1Page - Texas Instruments TPS51116PWP Datasheet HTML 2Page - Texas Instruments TPS51116PWP Datasheet HTML 3Page - Texas Instruments TPS51116PWP Datasheet HTML 4Page - Texas Instruments TPS51116PWP Datasheet HTML 5Page - Texas Instruments TPS51116PWP Datasheet HTML 6Page - Texas Instruments TPS51116PWP Datasheet HTML 7Page - Texas Instruments TPS51116PWP Datasheet HTML 8Page - Texas Instruments TPS51116PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TI Information — Selective Disclosure
TPS51116
SLUS609I – MAY 2004 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VV5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA = 25°C, No load, VS3 = VS5 = 5 V,
IV5IN1
Supply current 1, V5IN(1)
0.8
2
mA
COMP connected to capacitor
TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V,
IV5IN2
Supply current 2, V5IN(1)
300
600
COMP connected to capacitor
TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V,
IV5IN3
Supply current 3, V5IN(1)
240
500
VCOMP = 5 V
μA
IV5INSDN
Shutdown current, V5IN(1)
TA = 25°C, No load, VS3 = VS5 = 0 V
0.1
1.0
IVLDOIN1
Supply current 1, VLDOIN
TA = 25°C, No load, VS3 = VS5 = 5 V
1
10
IVLDOIN2
Supply current 2, VLDOIN
TA = 25°C, No load, VS3 = 5 V, VS5 = 0 V,
0.1
10
IVLDOINSDN
Standby current, VLDOIN
TA = 25°C, No load, VS3 = VS5 = 0 V
0.1
1.0
VTTREF OUTPUT
VVTTREF
Output voltage, VTTREF
VVDDQSNS/2
V
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 2.5 V,
-20
20
Tolerance to VVDDQSNS/2
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.8 V,
-18
18
Tolerance to VVDDQSNS/2
VVTTREFTOL
Output voltage tolerance
mV
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.5 V,
-15
15
Tolerance to VVDDQSNS/2
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.2 V,
–12
12
Tolerance to VVDDQSNS/2
VVTTREFSRC
Source current
VVDDQSNS = 2.5 V, VVTTREF = 0 V
-20
-40
-80
mA
VVTTREFSNK
Sink current
VVDDQSNS = 2.5 V, VVTTREF = 2.5 V
20
40
80
VDDQ OUTPUT
TA = 25°C, VVDDQSET = 0 V, No load
2.465
2.500
2.535
0°C
≤ TA ≤ 85°C, VVDDQSET = 0 V, No load
(2)
2.457
2.500
2.543
-40°C
≤ TA ≤ 85°C, VVDDQSET = 0 V, No load
(2)
2.440
2.500
2.550
TA = 25°C, VVDDQSET = 5 V, No load
(2)
1.776
1.800
1.824
VVDDQ
Output voltage, VDDQ
V
0°C
≤ TA ≤ 85°C, VVDDQSET = 5V, No load
(2)
1.769
1.800
1.831
-40°C
≤ TA ≤ 85°C, VVDDQSET = 5V, No load
(2)
1.764
1.800
1.836
-40°C
≤ TA ≤ 85°C, Adjustable mode, No
0.75
3.0
load(2)
TA = 25°C, Adjustable mode
742.5
750.0
757.5
mV
VVDDQSET
VDDQSET regulation voltage 0°C
≤ TA ≤ 85°C, Adjustable mode
740.2
750.0
759.8
-40°C
≤ TA ≤ 85°C, Adjustable mode
738.0
750.0
762.0
VVDDQSET = 0 V
215
k
RVDDQSNS
Input impedance, VDDQSNS
VVDDQSET = 5 V
180
Adjustable mode
460
VVDDQSET = 0.78 V, COMP = Open
-0.04
IVDDQSET
Input current, VDDQSET
μA
VVDDQSET = 0.78 V, COMP = 5 V
-0.06
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V,
IVDDQDisch
Discharge current, VDDQ
10
40
mA
VMODE = 0 V
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V,
IVLDOINDisch
Discharge current, VLDOIN
700
mA
VMODE = 0.5 V
VTT OUTPUT
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 2.5 V
1.25
VVTTSNS
Output voltage, VTT
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 1.8 V
0.9
V
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 1.5 V
0.75
(1)
V5IN references to PWP packaged devices should be interpreted as V5FILT references to RGE packaged devices.
(2)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: TPS51116


Similar Part No. - TPS51116PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116PWP TI-TPS51116PWP Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWP TI1-TPS51116PWP Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWPR TI1-TPS51116PWPR Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWPRG4 TI1-TPS51116PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
More results

Similar Description - TPS51116PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com