Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72101DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72101DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72101DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS72101DBVT Datasheet HTML 1Page - Texas Instruments TPS72101DBVT Datasheet HTML 2Page - Texas Instruments TPS72101DBVT Datasheet HTML 3Page - Texas Instruments TPS72101DBVT Datasheet HTML 4Page - Texas Instruments TPS72101DBVT Datasheet HTML 5Page - Texas Instruments TPS72101DBVT Datasheet HTML 6Page - Texas Instruments TPS72101DBVT Datasheet HTML 7Page - Texas Instruments TPS72101DBVT Datasheet HTML 8Page - Texas Instruments TPS72101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TPS72101, TPS72115
TPS72116, TPS72118
SLVS352B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
4
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
TPS72101
OUT
IN
FB
GND
EN
Vref
Current Limit
/ Thermal
Protection
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
TPS72115/16/18
OUT
IN
GND
EN
Vref
Current Limit
/ Thermal
Protection
NC (see Note 1)
(1) This pin must be left floating and not connected to GND.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
2
Ground
EN
3
I
Enable input
IN
1
I
Input supply voltage
NC/FB
4
I
NC = Not connected (see Note 6); FB = Feedback (adjustable option TPS72101)
OUT
5
O
Regulated output voltage


Similar Part No. - TPS72101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72101DBVT TI-TPS72101DBVT Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101DBVT TI1-TPS72101DBVT Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101DBVTG4 TI-TPS72101DBVTG4 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101DBVTG4 TI1-TPS72101DBVTG4 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com