Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51610RHBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51610RHBT
Description  PACKAGE MATERIALS INFORMATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51610RHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51610RHBT Datasheet HTML 3Page - Texas Instruments TPS51610RHBT Datasheet HTML 4Page - Texas Instruments TPS51610RHBT Datasheet HTML 5Page - Texas Instruments TPS51610RHBT Datasheet HTML 6Page - Texas Instruments TPS51610RHBT Datasheet HTML 7Page - Texas Instruments TPS51610RHBT Datasheet HTML 8Page - Texas Instruments TPS51610RHBT Datasheet HTML 9Page - Texas Instruments TPS51610RHBT Datasheet HTML 10Page - Texas Instruments TPS51610RHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
TPS51621RHAR
ACTIVE
VQFN
RHA
40
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-10 to 105
TPS
51621
TPS51621RHAT
ACTIVE
VQFN
RHA
40
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-10 to 105
TPS
51621
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPS51610RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51610RHBT TI1-TPS51610RHBT Datasheet
905Kb / 13P
[Old version datasheet]   TAPE AND REEL INFORMATION
TPS51610RHBT TI1-TPS51610RHBT Datasheet
1Mb / 12P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51610RHBT TI1-TPS51610RHBT Datasheet
694Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results

Similar Description - TPS51610RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51620RHARG4 TI-TPS51620RHARG4 Datasheet
478Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51620RHAR TI-TPS51620RHAR Datasheet
484Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51620 TI1-TPS51620 Datasheet
563Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51610 TI1-TPS51610 Datasheet
694Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS61177 TI1-TPS61177 Datasheet
788Kb / 8P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51620RHATG4 TI1-TPS51620RHATG4 Datasheet
484Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59611 TI1-TPS59611 Datasheet
1Mb / 17P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59621 TI1-TPS59621 Datasheet
1Mb / 18P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59611RHBR TI-TPS59611RHBR Datasheet
1Mb / 17P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59610 TI1-TPS59610 Datasheet
1Mb / 13P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com