Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53310 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS53310
Description  3-A Step-Down Regulator with Integrated Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53310 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53310_16 Datasheet HTML 1Page - Texas Instruments TPS53310_16 Datasheet HTML 2Page - Texas Instruments TPS53310_16 Datasheet HTML 3Page - Texas Instruments TPS53310_16 Datasheet HTML 4Page - Texas Instruments TPS53310_16 Datasheet HTML 5Page - Texas Instruments TPS53310_16 Datasheet HTML 6Page - Texas Instruments TPS53310_16 Datasheet HTML 7Page - Texas Instruments TPS53310_16 Datasheet HTML 8Page - Texas Instruments TPS53310_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS53310
13
VIN
14
VIN
6
7
5
SW SW SW
V
IN
2.9 V to 6 V
V
IN
V
DD
2.9 V to 3.5 V
Output All MLCCs
UDG-10210
4
3
10
9
PGD
C
BST
PGD
FB
COMP
12
11
2
VDD
AGND
SYNC
1
8
EN
PS
15
PGND
16
PGND
Pad
VBST
EN
SYNC
TPS53310
www.ti.com
SLUSA68 – DECEMBER 2010
3-A Step-Down Regulator with Integrated Switcher
Check for Samples: TPS53310
1
FEATURES
LOW VOLTAGE APPLICATIONS
5-V Step-down Rail
2
>95% Maximum Efficiency
3.3-V Step-down Rail
Continuous 3-A Output Current
Hiccup Overcurrent Protection
DESCRIPTION
Supports All MLCC Output Capacitor
The TPS53310 provides a fully integrated 3-V to 5-V
SmoothPWM™ Auto-Skip Eco-mode™ for
VIN integrated synchronous FET converter solution
Light-Load Efficiency
with 16 total components, in 200 mm2 of PCB area.
Voltage Mode Control
Due
to
the
low
RDS(on) and TI's proprietary
SmoothPWM™ Skip mode of operation, it enables
Supports Master-Slave Interleaved Operation
95.5% peak efficiency, and over 90% efficiency at
Synchronization up to ±20% of Nominal
loads as light as 100 mA. It requires only two 22-µF
Frequency
ceramic output capacitors for a power dense 3-A
Conversion Voltage Range Between 2.9 V and
solution.
6.0 V
The
TPS53310
features
a
1.1-MHz
switching
Soft-Stop Output Discharge During Disable
frequency, SKIP mode operation support, pre-bias
Adjustable Output Voltage Ranging Between
startup, internal softstart, output soft discharge,
internal VBST switch, power good, EN/input UVLO,
0.6 V and 0.84 V × VIN
overcurrent,
overvoltage,
undervoltage
and
Undervoltage, Overvoltage and
over-temperature protections and all ceramic output
Over-Temperature Protection
capacitor support. It supports supply voltage from
Small 3 × 3 , 16-Pin QFN Package
2.9 V to 3.5 V and conversion voltage from 2.9 V to
6.0 V, and output voltage is adjustable from 0.6 V to
Open-Drain Power Good Indication
0.84 V × VIN.
Internal Boot Strap Switch
The TPS53310 is available in the 3 mm × 3 mm
Low RDS(on), 24 mΩ with 3.3-V Input and 19-mΩ
16-pin QFN package (Green RoHs compliant and Pb
with 5-V Input
free) and operates between –40°C and 85°C.
Supports Pre-bias Start Up
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmoothPWM, Eco-mode are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com