Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53624 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS53624
Description  Dual Phase, D-CAP, Eco-mode Step-Down Controller with 8-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53624 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53624_16 Datasheet HTML 1Page - Texas Instruments TPS53624_16 Datasheet HTML 2Page - Texas Instruments TPS53624_16 Datasheet HTML 3Page - Texas Instruments TPS53624_16 Datasheet HTML 4Page - Texas Instruments TPS53624_16 Datasheet HTML 5Page - Texas Instruments TPS53624_16 Datasheet HTML 6Page - Texas Instruments TPS53624_16 Datasheet HTML 7Page - Texas Instruments TPS53624_16 Datasheet HTML 8Page - Texas Instruments TPS53624_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TPS53624
www.ti.com
SLUSB66 – MARCH 2013
Dual Phase, D-CAP+™, Eco-mode™ Step-Down Controller with 8-Bit DAC
Check for Samples: TPS53624
1
FEATURES
DESCRIPTION
The TPS53624 is a dual-phase step down controller
2
Selectable Dual-or Single-Phase
with integrated gate drivers. The PCNT pin enables
Minimum External Parts Count
operation in dual or single-phase mode to optimize
8-Bit DAC Supports Wide Range of
efficiency
depending
on
the
load
requirements.
Applications
Advanced
control
features
such
as
D-CAP+™
architecture
and
OSR
provides
fast
transient
Optimized Efficiency at Light and Heavy Loads
response with low output capacitance. The DAC
Patented Output Overshoot Reduction (OSR)
supports VID-on-the-fly to optimize the output voltage
Reduces Output Capacitance
to the operating state of the system to reduce
Accurate, Adjustable Voltage Positioning
quiescent
power.
The
auto-skip
feature
of
the
TPS53624 optimizes light-load efficiency in single
Selectable 200, 300, 400 and 500 kHz
phase
operation.
System
management
features
Frequency
include adjustable thermal monitor input and output
Pat. Pending AutoBalance Phase Balancing
(THRM, THAL), output current monitoring (IMON),
Selectable 8-Level Current Limit
and complimentary power good signals (PG and
PGD). Adjustable control of the output voltage slew
3-V to 28-V Conversion Voltage Range
rate and voltage positioning are provided. In addition,
Fast MOSFET Driver with Integrated Boost
the TPS53624 includes two high-current FET gate
Diode
drivers to drive high and low side N-channel FETs
with exceptionally high speed and low switching loss.
Integrated Overvoltage Protection (OVP)
All logic input and output pins have flexible LV input
Small 6 × 6, 40-Pin QFN PowerPAD™ Package
and output thresholds that enable interface with logic
voltages from 1 V to 3.6 V.
APPLICATIONS
The TPS53624 is packaged in a space saving,
High-Current, Low-Voltage ASIC or
thermally enhanced, RoHS compliant 40-pin QFN
Microprocessor Core Regulator
and is rated to operate from –10°C to 105°C.
XXX
ORDERING INFORMATION(1)
TA
DEVICE
OUTPUT
MINIMUM
PACKAGE
PINS
NUMBER
SUPPLY
QUANTITY
TPS53624RHAT
250
–10°C to 105°C
Plastic Quad Flat Pack (QFN)
40
Tape-and-reel
TPS53624RHAR
2500
(1)
For the most current package and ordering information, see the packaging information at the end of this document, or see the TI website
at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP+, Eco-mode, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53624_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
More results

Similar Description - TPS53624_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
logo
Linear Technology
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Linear Technology
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
   Dual, 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
   4-Phase PWM Controller with 8-Bit DAC Code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com