Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53624RHAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53624RHAR
Description  Dual Phase, D-CAP, Eco-mode Step-Down Controller with 8-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53624RHAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS53624RHAR Datasheet HTML 1Page - Texas Instruments TPS53624RHAR Datasheet HTML 2Page - Texas Instruments TPS53624RHAR Datasheet HTML 3Page - Texas Instruments TPS53624RHAR Datasheet HTML 4Page - Texas Instruments TPS53624RHAR Datasheet HTML 5Page - Texas Instruments TPS53624RHAR Datasheet HTML 6Page - Texas Instruments TPS53624RHAR Datasheet HTML 7Page - Texas Instruments TPS53624RHAR Datasheet HTML 8Page - Texas Instruments TPS53624RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TPS53624
www.ti.com
SLUSB66 – MARCH 2013
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5FILT = VV5IN = 5.0 V, GFB = PGND = GND, VVFB = VOUT (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERSHOOT REDUCTION (OSR) THRESHOLD SETTING
VOSRSEL = GND
78
106
135
VOSRSEL = REF
111
140
174
VOSR
OSR voltage set
mV
VOSRSEL = 3.3 V
151
186
224
VOSRSEL = V5FILT
OFF
VOSRHYS
OSR voltage Hysteresis(2)
All settings
20
mV
TIMERS: SLEW RATE, SLEW, ON-TIME AND I/O TIMING
ISLEW 1
RSLEW to GND current
RSLEW = 125 kΩ from SLEW to GND
9.9
10
10.2
μA
ISLEW 2
RSLEW to VREF current
RSLEW = 45 kΩ from VREF to SLEW
9.5
10.2
10.8
μA
ISLEW = |10 μA|, No Faults, Time from EN
tSTARTUP
VFB startup time
0.60
0.80
0.90
ms
to VSNS = VBOOT – 12%
SLSTRT
VFB slew soft-start
ISLEW = |10 μA|, EN goes HI (soft-start)
1.3
1.6
1.9
mV/
μs
SR
VFB slew rate
ISLEW = |10 μA|
10
12.5
15
mV/
μs
tPGDPO
PGD power-on delay time
Time from PG going low to PG going high
0.4
0.7
1
ms
Time from VFB out of +300 mV VDAC boundary to PGOOD
tPGDDGLTO
PGD deglitch time
40
74
100
μs
low
Time from VFB out of –300 mV VDAC boundary to PGOOD
tPGDDGLTU
PGD deglitch time
50
105
150
μs
low
VTON = GND, VLLx = 12 V, VVFB = 1 V
315
400
465
VTON = VREF, VLLx = 12 V, VVFB = 1 V
215
260
300
tTON
On-time control
ns
VTON = 3.3 V, VLLx = 12 V, VVFB = 1 V
170
200
230
VTON = VV5FILT, VLLx = 12 V, VVFB = 1
145
170
190
tMIN
Controller minimum OFF time
Fixed value
70
102
125
ns
tVIDDBNC
VID debounce time(2)
100
ns
tPSIDBNC
PCNT debounce Time(2)
100
ns
tVCCVID
VID change to VFB Change(2)
600
ns
tVRONPGD
EN low to PGD low
20
74
100
ns
tPGDVCC
PGD low to VFB change(2)
100
ns
tVRTDGLT
THAL deglitch time
0.3
1
3
ms
PROTECTION: OVP, PGOOD, VR, VR_TT FAULTS OFF AND INTERNAL THERMAL SHUTDOWN
VOVPH
Fixed OVP voltage
VFB > VOVPH for 1 μs, DRVL turns ON
1.6
1.8
V
Measured at the VFB pin wrt / VID code, device latches
VPGDH
PGD high threshold
180
258
mV
OFF, begins soft-stop
Measured at the VFB pin wrt / VID code, device latches off,
VPGDL
PGD low threshold
–367
–273
mV
begins soft-stop
VTHRM
Thermal shutdown voltage
Measured at THERM; THAL goes LO
0.69
0.75
0.81
V
ITHRM
THERM current
Measure ITHERM to GND
57.5
61
67.5
μA
VNOFLT
All faults OFF
THRM > V5FILT + VTH; not latched
4.75
4.9
5
V
Internal controller thermal
THINT
Latch off controller
160
°C
shutdown(2)
(2)
Specified by design. Not production tested.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS53624


Similar Part No. - TPS53624RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
More results

Similar Description - TPS53624RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
logo
Linear Technology
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Linear Technology
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
   Dual, 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
   4-Phase PWM Controller with 8-Bit DAC Code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com